Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT400D Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. BAT400D
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT400D Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT400D_1 Datasheet HTML 1Page - Diodes Incorporated BAT400D_1 Datasheet HTML 2Page - Diodes Incorporated BAT400D_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30182 Rev. 13 - 2
1 of 3
BAT400D
www.diodes.com
ã Diodes Incorporated
BAT400D
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: See Diagram
·
Marking: KSJ and Date Code, See Page 3
·
Ordering Information: See Page 3
·
Weight: 0.008 grams (approximate)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Low Forward Voltage Drop
·
High Conductance
·
Lead Free by Design/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Current (Note 2)
IO
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
IFSM
3
A
Power Dissipation (see Figure 1) (Note 2)
Pd
480
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
286
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-40 to +125
°
C
Notes:
1.
Short duration test pulse used to minimize self-heating effect.
2.
Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
3.
No purposefully added lead.
A
E
J
L
M
B
C
H
G
D
D
K
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
40
¾
¾
V
IR = 1mA
Forward Voltage
VF
¾
285
480
300
550
mV
IF =
10mA
IF = 500mA
Reverse Current (Note 1)
IR
¾
¾
1.0
2.0
30
50
m
A
m
A
VR = 10V
VR = 30V
Total Capacitance
CT
¾
¾
125
20
¾
¾
pF
pF
VR = 0V, f = 1.0MHz
VR = 10V, f = 1.0MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
All Dimensions in mm
TOP VIEW
Lead-free
SPICE MODEL: BAT400D


Similar Part No. - BAT400D_1

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Pan Jit International Inc.
Pan Jit International I...
BAT400D PANJIT-BAT400D_16 Datasheet
260Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT400D_1

ManufacturerPart No.DatasheetDescription
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
   0.5A Surface Mount Schottky Barrier Rectifier
Diodes Incorporated
Diodes Incorporated
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0540WQ DIODES-B0540WQ Datasheet
439Kb / 5P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MBR0580S1 DIODES-MBR0580S1 Datasheet
327Kb / 6P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0530W DIODES-B0530W_08 Datasheet
129Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz