Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1575 Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-1575
Description  3.3V Dual Transceivers with Integrated Encoder / Decoders
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1575 Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-1575 Datasheet HTML 4Page - Holt Integrated Circuits HI-1575 Datasheet HTML 5Page - Holt Integrated Circuits HI-1575 Datasheet HTML 6Page - Holt Integrated Circuits HI-1575 Datasheet HTML 7Page - Holt Integrated Circuits HI-1575 Datasheet HTML 8Page - Holt Integrated Circuits HI-1575 Datasheet HTML 9Page - Holt Integrated Circuits HI-1575 Datasheet HTML 10Page - Holt Integrated Circuits HI-1575 Datasheet HTML 11Page - Holt Integrated Circuits HI-1575 Datasheet HTML 12Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HOLT INTEGRATED CIRCUITS
10
HI -1575 TRANSMITTER
BUSA/B
BUSA/B
52.5
(.75 Zo)
W
52.5
(.75 Zo)
W
2.5:1
1:2.5
1:1.4
1.4:1
35
(.5 Zo)
W
FIGURE 13. TRANSFORMER COUPLED TEST CIRCUITS
Coupling
Transformer
Coupling
Transformer
Isolation
Transformer
Isolation
Transformer
HI-1575 RECEIVER
52.5
(.75 Zo)
W
52.5
(.75 Zo)
W
35
(.5 Zo)
W
Point
“A ”
T
Point
“A ”
T
APPLICATIONS NOTE
Holt Applications Note AN-500 provides circuit design
notes regarding the use of Holt MIL-STD-1553 data
communications devices. Layout considerations, as well
as recommended interface and protection components
are included.
HEAT SINKING THE LEADLESS PLASTIC
CHIP CARRIER PACKAGE
The HI-1575PCI/T is packaged in a 40 pin leadless plastic
chip carrier (LPCC). This package has a metal heat sink
pad on its bottom surface, which should be soldered to
the printed circuit board for optimum thermal dissipation.
The package heat sink is electrically isolated and may be
soldered to any convenient power plane or ground plane.
Redundant "vias" between the exposed board surface
and buried power or ground plane will enhance thermal
conductivity.
HI-1575


Similar Part No. - HI-1575

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
More results

Similar Description - HI-1575

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
logo
Analog Devices
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Linear Technology
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com