Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMDT5451 Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. MMDT5451
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

MMDT5451 Datasheet(HTML) 4 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30171 Rev. 8 - 2
4 of 5
MMDT5451
www.diodes.com
1
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 5, Gain Bandwidth Product vs.
Collector Current (NPN5551)
C
V= 5V
CE
0.01
0.1
1.0
10.0
1
10
100
1000
T = 25°C
A
T = -50°C
A
T = 150°C
A
I , COLLECTOR CURRENT (mA)
Fig. 6, Collector Emitter Saturation Voltage
vs. Collector Current (PNP5401)
C
I
C
I
B
=10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 8, Base Emitter Voltage vs. Collector Current (PNP5401)
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
V= 5V
CE
1
10
100
1000
10,000
1
10
100
1000
V= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 7, DC Current Gain vs. Collector Current (PNP5401)
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
10
100
1000
1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 9, Gain Bandwidth Product vs Collector Current (PNP5401)
C
V
= 10V
CE


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn