Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMDT5451 Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. MMDT5451
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

MMDT5451 Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS30171 Rev. 8 - 2
1 of 5
MMDT5451
www.diodes.com
ã Diodes Incorporated
MMDT5451
COMPLEMENTARY NPN / PNP
SMALL SIGNAL SURFACE MOUNT TRANSISTOR
·
Complementary Pair
·
One 5551-Type NPN,
One 5401-Type PNP
·
Epitaxial Planar Die Construction
·
Ideal for Medium Power Amplification and Switching
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 3)
Maximum Ratings, NPN 5551 Section
@ TA = 25
°C unless otherwise specified
Mechanical Data
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed
over Alloy 42 leadframe).
·
Terminal Connections: See Diagram
·
Marking (See Page 3): KNM
·
Ordering & Date Code Information: See Page 3
·
Weight: 0.006 grams (approx.)
A
M
J
L
D
B C
H
K
G
F
C
1
B
2
E
2
E
1
B
1
C
2
E1, B1, C1 = PNP5401 Section
E2, B2, C2 = NPN5551 Section
Maximum Ratings, PNP 5401 Section
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
NPN5551
Unit
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous (Note 1)
IC
200
mA
Power Dissipation (Note 1, 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
K/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Characteristic
Symbol
PNP5401
Unit
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous (Note 1)
IC
-200
mA
Power Dissipation (Note 1, 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
K/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Maximum combined dissipation.
3. No purposefully added lead.
E
2
B
2
E
1
C
2
B
1
C
1
Features
SPICE MODEL: MMDT5451


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn