Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI7131 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HI7131
Description  3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7131 Datasheet(HTML) 5 Page - Intersil Corporation

  HI7131_02 Datasheet HTML 1Page - Intersil Corporation HI7131_02 Datasheet HTML 2Page - Intersil Corporation HI7131_02 Datasheet HTML 3Page - Intersil Corporation HI7131_02 Datasheet HTML 4Page - Intersil Corporation HI7131_02 Datasheet HTML 5Page - Intersil Corporation HI7131_02 Datasheet HTML 6Page - Intersil Corporation HI7131_02 Datasheet HTML 7Page - Intersil Corporation HI7131_02 Datasheet HTML 8Page - Intersil Corporation HI7131_02 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Ratiometric Reading
VIN HI = VREF HI, VIN LO = VREF LO = VCOMMON
VREF HI - VREF LO = 100mV
999
999/
1000
1001
Reading
Rollover Error
VIN = ±199mV
-
±0.2
±1
Count
Linearity Error
FSR = 200mV or 2V (Notes 5, 8)
-
±0.2
±1
Count
Zero Input Reading Drift
VIN = 0V
Over Full Temperature Range
(Notes 5, 8)
-
±0.2
±1
±0.01
µV/oC
Count/oC
Scale Factor Temperature Coefficient
VIN = 199mV, Over Full Temperature Range,
Reference Drift Not Included (Notes 5, 8)
-
±1
±5
±0.01
ppm/oC
Count/oC
Equivalent Input Noise (Peak-To-Peak
Value Not Exceeded 95% of the Time)
VIN = 0V (Notes 5, 8)
-
15
0.15
-
µV
Count
INPUT
Common Mode Voltage Sensitivity
VCM = ±1V, VIN = 0V (Notes 5, 6, 8, 9)
-
-
1
0.01
µV/V
Count/V
Input Leakage Current
VIN = 0V (Notes 5, 8)
-
1
10
pA
Overload Recovery Period
VIN Changing from ±10V to 0V
(Notes 5, 8)
-
-
1
Conversion
Cycle
COMMON PIN
COMMON Pin Voltage (With Respect
to V+, i.e., V+ - VCOMMON)
V+ to V- = 10V
2.4
2.8
3.2
V
COMMON Pin Voltage Temperature
Coefficient
V+ to V- = 10V (Notes 5, 8)
-
150
-
ppm/oC
COMMON Pin Sink Current
+0.1V Change on VCOMMON (Note 5)
-
3
-
mA
COMMON Pin Source Current
-0.1V Change on VCOMMON (Note 5)
-
1
-
µA
DISPLAY DRIVER (HI7131)
Peak-To-Peak Segment Drive Voltage V+ to V- = 10V
4
5
6
V
Peak-To-Peak Backplane Drive Volt-
age
456
V
POWER SUPPLY (Nominal Supply Voltage; V+ to V- = 10V)
Supply Current (Does Not Include
COMMON Pin Current)
VIN = 0V (Note 10)
Oscillator Frequency = 16kHz
-70
100
µA
Power Dissipation Capacitance
VS Clock Frequency (Notes 5, 8)
-
40
-
pF
DISPLAY DRIVER (HI7133)
Segment Sink Current
(Except Pins 19 and 20)
V+ = +5.0V
Driver Pin Voltage = 3.0V
58.5
-
mA
Pin 19 Sink Current
10
16
-
mA
Pin 20 Sink Current
47
-
mA
POWER SUPPLY Nominal Supply Voltage; V+ = +5V, V- = -5V, Both Respect to GND Pin
Electrical Specifications (Notes 5, 6, 7) TA = 25oC. Device is Tested in the Circuit Shown in Figure 2.
Full Scale Range (FSR) = 200.0mV, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI7131, HI7133


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn