Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG442DJ Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG442DJ
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG442DJ Datasheet(HTML) 4 Page - Intersil Corporation

  DG442DJ Datasheet HTML 1Page - Intersil Corporation DG442DJ Datasheet HTML 2Page - Intersil Corporation DG442DJ Datasheet HTML 3Page - Intersil Corporation DG442DJ Datasheet HTML 4Page - Intersil Corporation DG442DJ Datasheet HTML 5Page - Intersil Corporation DG442DJ Datasheet HTML 6Page - Intersil Corporation DG442DJ Datasheet HTML 7Page - Intersil Corporation DG442DJ Datasheet HTML 8Page - Intersil Corporation DG442DJ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN3281.10
November 20, 2006
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44.0V
GND to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V
GND to V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+34V
Digital Inputs, VS, VD (Note 1)
. . . . . . . . (V-) -2V to (V+) + 2V or 30mA, Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . .
30mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max)
. . 100mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Signal Voltage Range
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±20V (Max)
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V (Max)
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V (Min)
Input Rise and Fall Time
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .≤20ns
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
150
Maximum Junction Temperature (Plastic Packages) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(SOIC and TSSOP- Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
2.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
(Dual Supply) Test Conditions: V+ = +15V, V- = -15V, VIN = 2.4V, 0.8V, VANALOG = VS, VD,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 3)
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
RL = 1kΩ, CL = 35pF, VS = ±10V, (Figure 1)
+25
-
150
250
ns
Turn-OFF Time, tOFF
DG441
+25
-
90
120
ns
DG442
-
110
210
ns
Charge Injection, Q (Figure 2)
CL = 1nF, VG = 0V, RG = 0Ω
+25
-
-1
-
pC
OFF Isolation (Figure 4)
RL = 50Ω, CL = 5pF, f = 1MHz
+25
-
60
-
dB
Crosstalk (Channel-to-Channel) (Figure 3)
+25
-
-100
-
dB
Source OFF Capacitance, CS(OFF)
f = 1MHz, VANALOG = 0 (Figure 5)
+25
-
4
-
pF
Drain OFF Capacitance, CD(OFF)
+25
-
4
-
pF
Channel ON Capacitance,
CD(ON) +CS(ON)
+25
-
16
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Current VIN Low, IIL
VIN Under Test = 0.8V, All Others = 2.4V
Full
-0.5
-0.00001
0.5
μA
Input Current VIN High, IIH
VIN Under Test = 2.4V, All Others = 0.8V
Full
-0.5
0.00001
0.5
μA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
-15
-
15
V
Drain-Source ON Resistance, rDS(ON)IS =
10mA, VD = ±8.5V, V+ = 13.5V,
V- = -13.5V
+25
-
50
85
Ω
+85
-
-
100
Ω
Source OFF Leakage Current, IS(OFF)
V+ = 16.5V, V- = -16.5V, VD = ±15.5V,
VS =
15.5V
+25
-0.5
0.01
0.5
nA
+85
-5
-
5
nA
Drain OFF Leakage Current, ID(OFF)
+25
-0.5
0.01
0.5
nA
+85
-5
-
5
nA
Channel ON Leakage Current,
ID(ON) +IS(ON)
V+ = 16.5V, V- = -16.5V, VS = VD = ±15.5V
+25
-0.5
0.08
0.5
nA
+85
-10
-
10
nA
DG441, DG442


Similar Part No. - DG442DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG442DJ INTERSIL-DG442DJ Datasheet
111Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG442DJ MAXIM-DG442DJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
logo
Vishay Siliconix
DG442DJ VISHAY-DG442DJ Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Maxim Integrated Produc...
DG442DJ MAXIM-DG442DJ Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG442DJ VISHAY-DG442DJ Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results

Similar Description - DG442DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com