Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG403DYZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # DG403DYZ
Description  Monolithic CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG403DYZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button DG403DYZ Datasheet HTML 4Page - Intersil Corporation DG403DYZ Datasheet HTML 5Page - Intersil Corporation DG403DYZ Datasheet HTML 6Page - Intersil Corporation DG403DYZ Datasheet HTML 7Page - Intersil Corporation DG403DYZ Datasheet HTML 8Page - Intersil Corporation DG403DYZ Datasheet HTML 9Page - Intersil Corporation DG403DYZ Datasheet HTML 10Page - Intersil Corporation DG403DYZ Datasheet HTML 11Page - Intersil Corporation DG403DYZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN3284.11
November 20, 2006
FIGURE 16. INSERTION LOSS vs FREQUENCY
FIGURE 17. IS(OFF) vs TEMPERATURE
FIGURE 18. ID(OFF) vs TEMPERATURE
FIGURE 19. ID(ON) + IS(ON) vs TEMPERATURE
FIGURE 20. LEAKAGE CURRENTS vs ANALOG VOLTAGE
FIGURE 21. SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
FREQUENCY (Hz)
0.0
-0.5
-1.0
-1.5
-2.0
10K
100K
1M
10M
RL = 600Ω
RL = 75Ω
RL = 50Ω
V+ = 15V, V- = -15V
VL = 5V, VS = 1VRMS
SEE INSERTION LOSS TEST SETUP
(FIGURE 5)
TEMPERATURE (°C)
-55 -35
-15
5
25
45
65
85
105
125
100.0
10.0
1.0
0.1
0.01
0.001
0.0001
V+ = 15V
V- = -15V
VL = 5V
VD = ±14V
TYPICAL
TEMPERATURE (°C)
-55 -35
-15
5
25
45
65
85
105
125
100.0
10.0
1.0
0.1
0.01
0.001
0.0001
V+ = 15V
V- = -15V
VL = 5V
VD = ±14V
TYPICAL
TEMPERATURE (°C)
-55 -35
-15
5
25
45
65
85
105
125
100.0
10.0
1.0
0.1
0.01
0.001
0.0001
V+ = 15V
V- = -15V
VL = 5V
VD = ±14V
TYPICAL
90
60
30
0
-30
-90
-150
-15
-10
-5
0
5
10
15
VS , VD (V)
-20
20
-120
-60
V+ = 15V, V- = -15V
VL = 5V, TA = 25°C
ID(OFF), VS = 0V
IS(OFF), VD = 0V
ID(ON) + IS(ON)
ID(OFF), IS(OFF)
WHEN VANALOG EXCEEDS POWER
SUPPLY, SWITCH SUBSTRATE
DIODES BEGIN TO CONDUCT
IL
TEMPERATURE (°C)
-55 -35
-15
5
25
45
65
85
105
125
10.0
1.0
0.1
0.01
0.001
0.0001
V+ = 15V
V- = -15V
VL = 5V
I-
I+
IL
I-


Similar Part No. - DG403DYZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG403DYZ RENESAS-DG403DYZ Datasheet
426Kb / 12P
   Monolithic CMOS Analog Switches
Nov 20, 2006
logo
Intersil Corporation
DG403DYZ-T INTERSIL-DG403DYZ-T Datasheet
292Kb / 12P
   Monolithic CMOS Analog Switches
More results

Similar Description - DG403DYZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG401 RENESAS-DG401 Datasheet
426Kb / 12P
   Monolithic CMOS Analog Switches
Nov 20, 2006
logo
Intersil Corporation
DG403DYZ-T INTERSIL-DG403DYZ-T Datasheet
292Kb / 12P
   Monolithic CMOS Analog Switches
DG401 INTERSIL-DG401 Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
DG401883 INTERSIL-DG401883 Datasheet
291Kb / 12P
   Monolithic CMOS Analog Switches
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com