Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS0-9008RH-Q Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS0-9008RH-Q
Description  Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-9008RH-Q Datasheet(HTML) 2 Page - Intersil Corporation

  HS0-9008RH-Q Datasheet HTML 1Page - Intersil Corporation HS0-9008RH-Q Datasheet HTML 2Page - Intersil Corporation HS0-9008RH-Q Datasheet HTML 3Page - Intersil Corporation HS0-9008RH-Q Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FN3279.4
March 10, 2005
Pin Descriptions
SBDIP/
FLATPACK
PACKAGE PIN
NAME
DESCRIPTION
8
B1
(LSB) Output Data Bits
9
B2
Output Data Bits
10
B3
Output Data Bits
11
B4
Output Data Bits
18
B5
Output Data Bits
19
B6
Output Data Bits
20
B7
Output Data Bits
21
B8
(MSB) Output Data Bits
22
OF
Overflow
16, 26, 28
VSSD
Digital Ground
2, 4, 15
VDDD
Digital Supply
13
CE2
Three-State Output Enable
12
CE1
Three-State Output Enable
6VREF-
Negative Reference Input
27
VIN
Analog Signal In
5, 17, 25
VSSA
Analog Ground
3
CLK
Clock Input
1
1/2 R
Reference Midpoint
24
VREF+
Positive Reference Input
7, 14, 23
VDDA
Analog Supply
TRUTH TABLE
CE1
CE2
B1 - B8
OF
01
Valid
Valid
1
1
Three-State
Valid
X
0
Three-State
Three-State
HS-9008RH


Similar Part No. - HS0-9008RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS0-9008RH-Q INTERSIL-HS0-9008RH-Q Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
More results

Similar Description - HS0-9008RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com