Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7673CPAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7673CPAZ
Description  Automatic Battery Back-Up Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7673CPAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7673CPAZ Datasheet HTML 1Page - Intersil Corporation ICL7673CPAZ Datasheet HTML 2Page - Intersil Corporation ICL7673CPAZ Datasheet HTML 3Page - Intersil Corporation ICL7673CPAZ Datasheet HTML 4Page - Intersil Corporation ICL7673CPAZ Datasheet HTML 5Page - Intersil Corporation ICL7673CPAZ Datasheet HTML 6Page - Intersil Corporation ICL7673CPAZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN3183.4
July 22, 2005
Applications for the ICL7673 include volatile semiconductor
memory storage systems, real-time clocks, timers, alarm
systems, and over/under the voltage detectors. Other
systems requiring DC power when the master AC line supply
fails can also use the ICL7673.
A typical application, as illustrated in Figure 12, would be a
microprocessor system requiring a 5V supply. In the event of
primary supply failure, the system is powered down, and a
3V battery is employed to maintain clock or volatile memory
data. The main and backup supplies are connected to VP
and VS, with the circuit output VO supplying power to the
clock or volatile memory. The ICL7673 will sense the main
supply, when energized, to be of greater potential than VS
and connect, via its internal MOS switches, VP to output VO.
The backup input, VS will be disconnected internally. In the
event of main supply failure, the circuit will sense that the
backup supply is now the greater potential, disconnect VP
from VO, and connect VS.
Figure 11 illustrates the use of external PNP power
transistors to increase the power switching capability of the
circuit. In this application the output current is limited by the
beta and thermal characteristics of the power transistors.
If hysteresis is desired for a particular low power application,
positive feedback can be applied between the input VP and
open drain output SBAR through a resistor as illustrated in
Figure 12. For high power applications hysteresis can be
applied as shown in Figure 13.
The ICL7673 can also be used as a clipping circuit as
illustrated in Figure 14. With high impedance loads the
circuit output will be nearly equal to the greater of the two
input signals.
VP
VO
VS
GND
Pbar
8
2
1
6
VO
+5V OR +3V
RI
STATUS
INDICATOR
LITHIUM
BATTERY
GND
+5V
PRIMARY
SUPPLY
4
+
-
FIGURE 7. ICL7673 BATTERY BACKUP CIRCUIT
VP
VO
VS
GND
8
2
1
VO
+5V OR +3V
RECHARGEABLE
BATTERY
GND
+5V
PRIMARY
SUPPLY
4
RC
+
-
FIGURE 8. APPLICATION REQUIRING RECHARGEABLE
BATTERY BACKUP
FIGURE 9. POWER SUPPLY FOR LOW POWER PORTABLE AC TO DC SYSTEMS
FIGURE 10. TYPICAL MICROPROCESSOR MEMORY APPLICATION
FUSE
120/240
VAC
BRIDGE
RECTIFIER
BATTERY
STACK
GND
VO
VS
VP
1
8
2
4
2
8
4
6
STEPDOWN
TRANSFORMER
R3
R2
R1
C1
D1
+
-
ICL7673
BATTERY
BACK-UP
ICL7663
REGULATOR
POWER
FAIL
DETECTOR
MICROPROCESSOR
VOLATILE
RAM
INTERRUPT SIGNAL
ICL7673
BACKUP CIRCUIT
+5V
MAIN
POWER
VO
VP
VS
+
-
ICL7673


Similar Part No. - ICL7673CPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CPAZ INTERSIL-ICL7673CPAZ Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
logo
Renesas Technology Corp
ICL7673CPAZ RENESAS-ICL7673CPAZ Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
More results

Similar Description - ICL7673CPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com