Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL7665S Datasheet(PDF) 12 Page - Intersil Corporation

Part No. ICL7665S
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ICL7665S Datasheet(HTML) 12 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
FN3182.8
April 5, 2006
HYST1
VSET1
VSET2
HYST2
V+
OUT1
OUT2
22k
1.5M
22M
1M
27k
R4
R5
V+
1M
R7
R2
R6
ALARM
SIGNAL
FOR DRIVING
LEDS, BELLS,
ETC.
LOW TEMPERATURE
LIMIT ADJUST
+-
5V
470k
R3
TEMPERATURE
SENSOR
(GENERAL PURPOSE
NPN TRANSISTOR)
10k
HIGH
TEMPERATURE
LIMIT ADJUST
R1
ICL7665S
FIGURE 16. SIMPLE HIGH/LOW TEMPERATURE ALARM
110VAC
60Hz
20V
CENTERED
TAPPED
TRANS.
4700
µF
601k
100k
HYST1
VSET1
VSET2
HYST2
OUT1
OUT2
1M
1M
7805
5V REGULATOR
5V, 1A
C1
R1
1M
+5V
POWER FAIL
WARNING
ICL7665S
FIGURE 17. AC POWER FAIL AND BROWNOUT DETECTOR
ICL7665S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn