Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICL7665S Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ICL7665S
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ICL7665S Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN3182.8
April 5, 2006
Typical Performance Curves
FIGURE 1. OUT1 SATURATION VOLTAGE AS A FUNCTION
OF OUTPUT CURRENT
FIGURE 2. OUT2 SATURATION VOLTAGE AS A FUNCTION
OF OUTPUT CURRENT
FIGURE 3. HYST1 OUTPUT SATURATION VOLTAGE vs
HYST1 OUTPUT CURRENT
FIGURE 4. HYST2 OUTPUT SATURATION VOLTAGE vs
HYST2 OUTPUT CURRENT
FIGURE 5. SUPPLY CURRENT AS A FUNCTION OF AMBIENT
TEMPERATURE
FIGURE 6. SUPPLY CURRENT AS A FUNCTION OF SUPPLY
VOLTAGE
2.0
1.5
1.0
0.5
0
0
5
10
15
20
IOUTOUT1 (mA)
V+ = 2V
V+ = 5V
V+ = 15V
V+ = 9V
0
5
10
15
20
2.0
1.5
1.0
0.5
0
IOUTOUT2 (mA)
V+ = 2V
V+ = 5V
V+ = 9V
V+ = 15V
-20
-16
-12
-8
-4
0
0
-0.4
-0.8
-1.2
-1.6
-2.0
HYST1 OUTPUT CURRENT (mA)
V+ = 15V
V+ = 9V
V+ = 5V
V+ = 2V
TA = 25°C
-5.0
-4.0
-3.0
-2.0
-1.0
0
0
-1.0
-2.0
-3.0
-4.0
-5.0
HYST2 OUTPUT CURRENT (mA)
TA = 25°C
V+ = 15V
V+ = 9V
V+ = 5V
V+ = 2V
V+ = 2V
V+ = 15V
V+ = 9V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-25
0
+20
+40
+60
AMBIENT TEMPERATURE (°C)
0V
≤ VSET1, VSET2 ≤ V+
0V
≤ VSET1, VSET2 ≤ V+
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
1012
1416
SUPPLY VOLTAGE (V+)
TA = -20°C
TA = 25°C
TA = 70°C
ICL7665S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn