Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL7663S Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ICL7663S
Description  CMOS Programmable Micropower Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ICL7663S Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN3180.5
ICL7663S
CMOS Programmable Micropower
Positive Voltage Regulator
The ICL7663S Super Programmable Micropower Voltage
Regulator is a low power, high efficiency positive voltage
regulator which accepts 1.6V to 16V inputs and provides
adjustable outputs from 1.3V to 16V at currents up to 40mA.
It is a direct replacement for the industry standard ICL7663B
offering wider operating voltage and temperature ranges,
improved output accuracy (ICL7663SA), better temperature
coefficient, guaranteed maximum supply current, and
guaranteed line and load regulation. All improvements are
highlighted in the electrical characteristics section. Critical
parameters are guaranteed over the entire commercial
and industrial temperature ranges. The ICL7663S/SA
programmable output voltage is set by two external
resistors. The 1% reference accuracy of the ICL7663SA
eliminates the need for trimming the output voltage in most
applications.
The ICL7663S is well suited for battery powered supplies,
featuring 4
µA quiescent current, low VIN to VOUT differential,
output current sensing and logic input level shutdown
control. In addition, the ICL7663S has a negative
temperature coefficient output suitable for generating a
temperature compensated display drive voltage for LCD
displays.
Pinout
ICL7663S
(PDIP, SOIC)
TOP VIEW
Features
• Guaranteed 10
µA Maximum Quiescent Current Over All
Temperature Ranges
• Wider Operating Voltage Range - 1.6V to 16V
• Guaranteed Line and Load Regulation Over Entire
Operating Temperature Range Optional
• 1% Output Voltage Accuracy (ICL7663SA)
• Output Voltage Programmable from 1.3V to 16V
• Improved Temperature Coefficient of Output Voltage
• 40mA Minimum Output Current with Current Limiting
• Output Voltages with Programmable Negative
Temperature Coefficients
• Output Shutdown via Current-Limit Sensing or External
Logic Level
• Low Input-to-Output Voltage Differential
• Improved Direct Replacement for Industry Standard
ICL7663B and Other Second-Source Products
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Low-Power Portable Instrumentation
• Pagers
• Handheld Instruments
• LCD Display Modules
• Remote Data Loggers
• Battery-Powered Systems
SENSE
VOUT2
VOUT1
GND
1
2
3
4
8
7
6
5
VIN+
VTC
VSET
SHDN
Data Sheet
July 21, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 1999-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM29401A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
NCP662100 mA CMOS Low Iq Low-Dropout Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
AS78LXX_07100mA POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LT103810Amp Positive Adjustable Voltage Regulator 1 2 3 4 5 MoreLinear Technology
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn