Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL7663S Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ICL7663S
Description  CMOS Programmable Micropower Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ICL7663S Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN3180.5
July 21, 2005
Typical Performance Curves
FIGURE 1. VOUT2 OUTPUT VOLTAGE AS A FUNCTION OF
OUTPUT CURRENT
FIGURE 2. VOUT1 INPUT-OUTPUT DIFFERENTIAL vs
OUTPUT CURRENT
FIGURE 3. VOUT2 INPUT-OUTPUT DIFFERENTIAL vs
OUTPUT CURRENT
FIGURE 4. NPUT POWER SUPPLY REJECTION RATIO
FIGURE 5. QUIESCENT CURRENT AS A FUNCTION OF
INPUT VOLTAGE
FIGURE 6. QUIESCENT CURRENT AS A FUNCTION OF
TEMPERATURE
5.000
4.995
4.990
4.985
4.980
4.975
4.970
4.965
4.960
4.955
4.950
10-2
10-1
100
101
102
10-3
IOUT (mA)
TA = 25°C
V+ = 9.0V
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
02
46
8
10
12
14
16
18
20
TA = 25°C
V+IN = 15V
IOUT1 (mA)
V+IN = 9V
V+IN = 2V
IOUT2 (mA)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
5
10
15
20
25
30
35
40
45
50
V+IN = 9V
TA = 25°C
V+IN = 2V
V+IN = 15V
10-2
10-1
100
101
102
1k
100
90
80
70
60
50
40
30
20
10
0
FREQUENCY (Hz)
VIN = 9.0V
∆VIN = 2V
TA = -20°C
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
10
12
14
16
V+IN (V)
TA = -25°C
TA = -70°C
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
V+ = 15V
V+ = 9V
V+ = 2V
-20
0
20
40
60
80
TEMPERATURE (°C)
ICL7663S


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM29401A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
NCP662100 mA CMOS Low Iq Low-Dropout Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
AS78LXX_07100mA POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LT103810Amp Positive Adjustable Voltage Regulator 1 2 3 4 5 MoreLinear Technology
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn