Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7226ALJL Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICM7226ALJL
Description  8-Digit, Multi-Function, Frequency Counter/Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7226ALJL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICM7226ALJL Datasheet HTML 4Page - Intersil Corporation ICM7226ALJL Datasheet HTML 5Page - Intersil Corporation ICM7226ALJL Datasheet HTML 6Page - Intersil Corporation ICM7226ALJL Datasheet HTML 7Page - Intersil Corporation ICM7226ALJL Datasheet HTML 8Page - Intersil Corporation ICM7226ALJL Datasheet HTML 9Page - Intersil Corporation ICM7226ALJL Datasheet HTML 10Page - Intersil Corporation ICM7226ALJL Datasheet HTML 11Page - Intersil Corporation ICM7226ALJL Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Table 1 shows the functions selected by each digit for these
inputs.
Function Input
The six functions that can be selected are: Frequency,
Period, Time Interval, Unit Counter, Frequency Ratio and
Oscillator Frequency.
The implementation of different functions is done by routing
the different signals to two counters, called “Main Counter”
and “Reference Counter”. A simplified block diagram of the
device for functions realization is shown in Figure 11. Table 2
shows which signals will be routed to each counter in differ-
ent cases. The output of the Main Counter is the information
which goes to the display. The Reference Counter divides its
input to 1, 10, 100 and 1000. One of these outputs will be
selected through the range selector and drive the enable
input of the Main Counter. This means that the Reference
Counter, along with its' associated blocks, directs the Main
Counter to begin counting and determines the length of the
counting period. Note that Figure 11 does not show the com-
plete functional diagram (See the Functional Block Dia-
gram). After the end of each counting period, the output of
the Main Counter will be latched and displayed, then the
counter will be reset and a new measurement cycle will
begin. Any change in the FUNCTION INPUT will stop the
present measurement without updating the display and then
initiate a new measurement. This prevents an erroneous first
reading after the FUNCTION INPUT is changed. In all
cases, the 1-0 transitions are counted or timed.
TABLE 1. MULTIPLEXED INPUT FUNCTIONS
INPUT
FUNCTION
DIGIT
FUNCTION INPUT
Pin 4
Frequency
D1
Period
D8
Frequency Ratio
D2
Time Interval
D5
Unit Counter
D4
Oscillator Frequency
D3
RANGE INPUT
Pin 21
0.01s/1 Cycle
D1
0.1s/10 Cycles
D2
1s/100 Cycles
D3
10s/1K Cycles
D4
Enable External Range Input
D5
CONTROL INPUT
Pin 1
Display Off
D4 and
Hold
Display Test
D8
1MHz Select
D2
External Oscillator Enable
D1
External Decimal Point
Enable
D3
External DP INPUT
Pin 20
Decimal point is output for same digit
that is connected to this input.
TABLE 2. INPUT ROUTING
FUNCTION
MAIN
COUNTER
COUNTER
Frequency (fA)
Input A
100Hz (Oscillator ³
÷105 or 104)
Period (tA)
Oscillator
Input A
Ratio (fA/fB)
Input A
Input B
Time Interval
(A
→B)
Oscillator
Input A
Input B
Unit Counter
(Count A)
InputA
NotApplicable
Osc. Freq.
(fOSC)
Oscillator
100Hz (Oscillator ³
÷105 or 104)
INTERNAL CONTROL
100Hz
INPUT A
INPUT B
INPUT
SELECTOR
INTERNAL OR
EXTERNAL
OSCILLATOR
INPUT A
ENABLE
CLOCK
MAIN COUNTER
RANGE SELECTOR
÷1 ÷10 ÷100 ÷1000
INTERNAL CONTROL
INTERNAL CONTROL
CLOCK
INTERNAL CONTROL
INPUT
SELECTOR
REFERENCE COUNTER
FIGURE 11. SIMPLIFIED BLOCK DIAGRAM OF FUNCTIONS IMPLEMENTATION
ICM7226A, ICM7226B


Similar Part No. - ICM7226ALJL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226ALJL INTERSIL-ICM7226ALJL Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
More results

Similar Description - ICM7226ALJL

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
   8-Digit Multi-Function Frequency Counter/Timer
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com