Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCM7217BLJL Datasheet(PDF) 4 Page - Intersil Corporation

Part # LCM7217BLJL
Description  4-Digit LED Display, Programmable Up/Down Counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCM7217BLJL Datasheet(HTML) 4 Page - Intersil Corporation

  LCM7217BLJL Datasheet HTML 1Page - Intersil Corporation LCM7217BLJL Datasheet HTML 2Page - Intersil Corporation LCM7217BLJL Datasheet HTML 3Page - Intersil Corporation LCM7217BLJL Datasheet HTML 4Page - Intersil Corporation LCM7217BLJL Datasheet HTML 5Page - Intersil Corporation LCM7217BLJL Datasheet HTML 6Page - Intersil Corporation LCM7217BLJL Datasheet HTML 7Page - Intersil Corporation LCM7217BLJL Datasheet HTML 8Page - Intersil Corporation LCM7217BLJL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Display Scan
Oscillator Frequency, fDS
Free-running (SCAN Terminal Open Circuit)
-
2.5
10
kHz
Switching Specifications VDD = 5V, VSS = 0V, TA = 25oC
PARAMETER
MIN
TYP
MAX
UNIT
UP/DOWN Setup Time, tUCS
300
-
-
ns
UP/DOWN Hold Time, tUCH
1500
750
-
ns
COUNT Pulse Width High, tCWH
250
100
-
ns
COUNT Pulse Width Low, tCWI
250
100
-
ns
COUNT to CARRY/BORROW Delay, tCB
-
750
-
ns
CARRY/BORROW Pulse Width tBW
-
100
-
ns
COUNT to EQUAL Delay, tCE
-
500
-
ns
COUNT to ZERO Delay, tCZ
-
300
-
ns
RESET Pulse Width, tRST
1000
500
-
ns
NOTES:
1. In the ICM7217 the UP/DOWN, STORE, RESET and the BCD I/O as inputs have pullup or pulldown devices which consume power when
connected to the opposite supply. Under these conditions, with the display off, the device will consume typically 750
µA.
2. These voltages are adjusted to allow the use of thumbwheel switches for the ICM7217. Note that a high level is taken as an input logic
zero for ICM7217 common-cathode versions.
3. Parameters not tested (Guaranteed by Design).
Electrical Specifications
VDD = 5V, VSS = 0V, TA = 25oC, Display Diode Drop 1 .7V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICM7217


Similar Part No. - LCM7217BLJL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LCM7217BLJL INTERSIL-LCM7217BLJL Datasheet
137Kb / 19P
   4-Digit LED Display, Programmable Up/Down Counter
logo
Renesas Technology Corp
LCM7217BLJL RENESAS-LCM7217BLJL Datasheet
896Kb / 19P
   4-Digit LED Display,Programmable Up/Down Counter
July 2001
More results

Similar Description - LCM7217BLJL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217 Datasheet
137Kb / 19P
   4-Digit LED Display, Programmable Up/Down Counter
logo
Renesas Technology Corp
ICM7217 RENESAS-ICM7217 Datasheet
896Kb / 19P
   4-Digit LED Display,Programmable Up/Down Counter
July 2001
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
   4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
MM74C945 MAXIM-MM74C945 Datasheet
293Kb / 8P
   4 Digit Up/Down Counter/Decoder/Driver
Rev 0; 1/93
logo
Intersil Corporation
ICM7208 INTERSIL-ICM7208 Datasheet
621Kb / 7P
   7-Digit LED Display Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
NXP Semiconductors
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com