Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT4413 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMDT4413
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4413 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMDT4413_1 Datasheet HTML 1Page - Diodes Incorporated MMDT4413_1 Datasheet HTML 2Page - Diodes Incorporated MMDT4413_1 Datasheet HTML 3Page - Diodes Incorporated MMDT4413_1 Datasheet HTML 4Page - Diodes Incorporated MMDT4413_1 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30121 Rev. 8 - 2
2 of 5
www.diodes.com
MMDT4413
© Diodes Incorporated
Electrical Characteristics, NPN 4401 Section @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
60
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1.0mA, IB = 0
B
Emitter-Base Breakdown Voltage
V(BR)EBO
6.0
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICEX
100
nA
VCE = 35V, VEB(OFF) = 0.4V
Base Cutoff Current
IBL
100
nA
VCE = 35V, VEB(OFF) = 0.4V
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
20
40
80
100
40
300
IC = 100µA, VCE = 1.0V
IC = 1.0mA, VCE = 1.0V
IC = 10mA, VCE = 1.0V
IC = 150mA, VCE = 1.0V
IC = 500mA, VCE = 2.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
0.40
0.75
V
IC = 150mA, IB = 15mA
B
IC = 500mA, IB
B
= 50mA
Base-Emitter Saturation Voltage
VBE(SAT)
0.75
0.95
1.2
V
IC = 150mA, IB = 15mA
B
IC = 500mA, IB
B
= 50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Ccb
6.5
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Ceb
30
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.0
15
k
Ω
Voltage Feedback Ratio
hre
0.1
8.0
x 10
-4
Small Signal Current Gain
hfe
40
500
Output Admittance
hoe
1.0
30
μS
VCE = 10V, IC = 1.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
250
MHz
VCE = 10V, IC = 20mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
15
ns
Rise Time
tr
20
ns
VCC = 30V, IC = 150mA,
VBE(off) = 2.0V, IB1 = 15mA
Storage Time
ts
225
ns
Fall Time
tf
30
ns
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
Electrical Characteristics, PNP 4403 Section @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
V
IC = -1.0mA, IB = 0
B
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICEX
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
Base Cutoff Current
IBL
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
30
60
100
100
20
300
IC = -100µA, VCE = -1.0V
IC = -1.0mA, VCE = -1.0V
IC = -10mA, VCE = -1.0V
IC = -150mA, VCE = -2.0V
IC = -500mA, VCE = -2.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.40
-0.75
V
IC = -150mA, IB = -15mA
B
IC = -500mA, IB
B
= -50mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.75
-0.95
-1.30
V
IC = -150mA, IB = -15mA
B
IC = -500mA, IB
B
= -50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Ccb
8.5
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
Ceb
30
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.5
15
k
Ω
Voltage Feedback Ratio
hre
0.1
8.0
x 10
-4
Small Signal Current Gain
hfe
60
500
Output Admittance
hoe
1.0
100
μS
VCE = -10V, IC = -1.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
200
MHz
VCE = -10V, IC = -20mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
15
ns
Rise Time
tr
20
ns
VCC = -30V, IC = -150mA,
VBE(off) = -2.0V, IB1 = -15mA
Storage Time
ts
225
ns
Fall Time
tf
30
ns
VCC = -30V, IC = -150mA,
IB1 = IB2 = -15mA
Notes:
4.
Short duration pulse test used to minimize self-heating effect.


Similar Part No. - MMDT4413_1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT4413 MCC-MMDT4413_13 Datasheet
456Kb / 6P
   NPN/PNP Plastic-Encapsulate Transistors
2013/05/28
logo
SeCoS Halbleitertechnol...
MMDT4413 SECOS-MMDT4413_15 Datasheet
1Mb / 5P
   Plastic-Encapsulated Transistors
logo
Diodes Incorporated
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results

Similar Description - MMDT4413_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946 Datasheet
136Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DMB2227A DIODES-DMB2227A_15 Datasheet
239Kb / 6P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com