Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7218BIJIR5254 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7218BIJIR5254
Description  8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7218BIJIR5254 Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7218BIJIR5254 Datasheet HTML 1Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 2Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 3Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 4Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 5Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 6Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 7Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 8Page - Intersil Corporation ICM7218BIJIR5254 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN3159.2
February 15, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD to VSS). . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Digit Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
Segment Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Input Voltage (Any Terminal)(Note 1). . . . VSS -0.3V to VDD + 0.3V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 2)
θJA (°C/W) θJC (°C/W)
CERDIP Package. . . . . . . . . . . . . . . . .
55
14
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. Due to the SCR structure inherent in the CM0S process used to fabricate these devices, connecting any terminal to a voltage greater than VDD
or less than VSS may cause destructive device latchup. For this reason it is recommended that no inputs from sources operating on a different
power supply be applied to the device before its own supply is established, and when using multiple supply systems the supply to the ICM7218
should be turned on first.
2.
θ
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VDD = 5V, VSS = 0V, TA = +25°C, Display Diode Drop = 1.7V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUPPLY
Operating
4
-
6
V
Power Down Mode
2
-
6
V
Quiescent Supply Current
IQ
Shutdown (Note 3)
6
10
300
μA
Operating Supply Current - Outputs Open
Circuit
IDD
Common Anode SEGS On (Note 6)
-
-
2.5
mA
Common Anode SEGS Off (Note 6)
-
-
500
μA
Common Cathode SEGS On (Note 6)
-
-
700
μA
Common Cathode SEGS Off (Note 6)
-
-
500
μA
Digit Drive Current
IDIG
Common Anode VOUT = VDD -2.0V
140
200
-
mA
Common Cathode VOUT = VSS +1.0V
50
100
-
mA
Digit Leakage Current - Shutdown Mode
IDLK
Common Anode VOUT = 2V
-
-
100
μA
Common Cathode VOUT = 5V
-
-
100
μA
Peak Segment Drive Current
ISEG
Common Anode VOUT = VSS +1.0V
20
40
-
mA
Common Anode VOUT = VDD -2.0V
-10
-20
-
mA
Segment Leakage Current - Shutdown
Mode
ISLK
Common Anode VOUT = VDD
-
-
100
μA
Common Cathode VOUT = VSS
-
-
100
μA
Display Scan Rate
fMUX
Per Digit
-
250
-
Hz
Three Level Input (Pin 9 ICM7218C/D)
Logical “1” Input Voltage
VIH
Hexadecimal
4.5
-
-
V
Floating Input
VIF
Code B
2.0
-
3.0
V
Logical “0” Input Voltage
VIL
Shutdown
-
-
0.4
V
Three Level Input Impedance
ZIN
Note 3
-
100
-
k
Ω
Logical “1” Input Voltage
VIH
3.5
-
-
V
Logical “0” Input Voltage
VIL
--
0.8
V
Wrtie Pulse Width (Low)
tWL
7218A, 7218B
550
400
-
ns
7218C, 7218D
400
250
-
ns
Mode Hold Time
tMH
7218A, 7218B
150
-
-
ns
Mode Setup Time
tMS
7218A, 7218B
500
-
-
ns
Data Setup Time
tDS
500
-
-
ns
Data Hold Time
tDH
7218A, 7218B
50
-
-
ns
7218C, 7218D
125
-
-
ns
Digital Address Setup Time
tAS
7218C, 7218D
500
-
-
ns
ICM7218


Similar Part No. - ICM7218BIJIR5254

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7218BIJIR5254 INTERSIL-ICM7218BIJIR5254 Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
logo
Renesas Technology Corp
ICM7218BIJIR5254 RENESAS-ICM7218BIJIR5254 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
More results

Similar Description - ICM7218BIJIR5254

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com