Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7218 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICM7218
Description  8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7218 Datasheet(HTML) 1 Page - Intersil Corporation

  ICM7218 Datasheet HTML 1Page - Intersil Corporation ICM7218 Datasheet HTML 2Page - Intersil Corporation ICM7218 Datasheet HTML 3Page - Intersil Corporation ICM7218 Datasheet HTML 4Page - Intersil Corporation ICM7218 Datasheet HTML 5Page - Intersil Corporation ICM7218 Datasheet HTML 6Page - Intersil Corporation ICM7218 Datasheet HTML 7Page - Intersil Corporation ICM7218 Datasheet HTML 8Page - Intersil Corporation ICM7218 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN3159.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2007. All Rights Reserved
ICM7218
8-Digit LED Microprocessor-Compatible
Multiplexed Display Decoder Driver
The ICM7218 series of universal LED driver systems
provide, in a single package, all the circuitry necessary to
interface most common microprocessors or digital systems
to an LED display. Included on chip are an 8-byte static
display memory, two types of 7-segment decoders, multiplex
scan circuitry, and high current digit and segment drivers for
either common-cathode or common-anode displays.
The lCM7218A and 1CM7218B feature two control lines
(WRITE and MODE) which write either 4 bits of control
information (DATA COMING, SHUTDOWN, DECODE, and
HEXA/CODE B) or 8 bits of display input data. Display data
is automatically sequenced into the 8-byte internal memory
on successive positive going WRITE pulses. Data may be
displayed either directly or decoded in Hexadecimal or Code
B formats.
The ICM7218C and lCM7218D feature two control lines
(WRITE and HEXA/CODE B/SHUTDOWN), 4 separate
display data input lines, and 3 digit address lines. Display
data is written into the internal memory by setting up a digit
address and strobing the WRITE line low. Only Hexadecimal
and Code B formats are available for display outputs.
Features
• Microprocessor Compatible
• Total Circuit Integration On Chip Includes:
- Digit and Segment Drivers
- All Multiplex Scan Circuitry
- 8-Byte Static Display Memory
- 7-Segment Hexadecimal and Code B Decoders
• Output Drive Suitable for LED Displays Directly
• Common Anode and Common Cathode Versions
• Single 5V Supply Required
• Data Retention to 2V Supply
• Shutdown Feature - Turns Off Display and Puts Chip Into
Low Power Dissipation Mode
• Sequential and Random Access Versions
• Decimal Point Drive On Each Digit
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
MULTIPLEX
OSCILLATOR
INTERDIGIT
BLANKING
8-DIGIT
DRIVERS
8-SEGMENT
DRIVERS
DECIMAL
POINT
7
7
1
3
DECODE/
NO-DECODE
HEXADECIMAL/
CODE B
DECODER
7
1
8
8
8
8
8
1
1
7
4
7
1
1
1
1
1
4
8
4
8
8
11
8
8
1
1
1
5
5
3
1
HEXADECIMAL/
CODE B
DECODER
MULTIPLEX
OSCILLATOR
8-DIGIT
DRIVERS
8-SEGMENT
DRIVERS
DECIMAL
POINT
INTERDIGIT
BLANKING
READ
ADRESS, DIGIT
MULTIPLEXER
READ
ADRESS
MULTIPLEXER
WRITE
ADDRESS
DECODER
WRITE ADDRESS
COUNTER
CONTROL
LOGIC
8-BYTE
STATIC
RAM
8-BYTE
STATIC
RAM
THREE LEVEL
INPUT LOGIC
SHUTDOWN
DECODE
HEXA/CODE B
SHUTDOWN
ID0-ID7
INPUT
DATA
ID4-ID7
CONTROL
INPUTS
MODE
WRITE
HEXADECIMAL/
CODE B/
SHUTDOWN
WRITE
ID0-ID3
INPUT
DATA
ID7
DA0-DA2
DIGIT
ADDRESS
ICM7218C COMMON ANODE
ICM7218D COMMON CATHODE
ICM7218A COMMON ANODE
ICM7218B COMMON CATHODE
FIGURE 1. FUNCTIONAL DIAGRAMS
Data Sheet
February 15, 2007


Similar Part No. - ICM7218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
   8 Digit LED Display Driver
logo
Intersil Corporation
ICM7218 INTERSIL-ICM7218 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICM7218 INTERSIL-ICM7218 Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7218 INTERSIL-ICM7218 Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
More results

Similar Description - ICM7218

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com