Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J112 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # J112
Description  N-channel silicon field-effect transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J112 Datasheet(HTML) 5 Page - NXP Semiconductors

  J112 Datasheet HTML 1Page - NXP Semiconductors J112 Datasheet HTML 2Page - NXP Semiconductors J112 Datasheet HTML 3Page - NXP Semiconductors J112 Datasheet HTML 4Page - NXP Semiconductors J112 Datasheet HTML 5Page - NXP Semiconductors J112 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
July 1993
5
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
J111; J112; J113
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - J112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor
1997
logo
Vishay Siliconix
J112 VISHAY-J112 Datasheet
58Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
101Kb / 5P
   N-Channel Switch
More results

Similar Description - J112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com