Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-516 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HI-516
Description  16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI-516 Datasheet(HTML) 2 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Truth Tables
HI-516 USED AS A 16-CHANNEL MULTIPLEXER OR
DUAL 8-CHANNEL MULTIPLEXER (NOTE 1)
USE A3 AS DIGITAL ADDRESS INPUT
ON CHANNEL TO
ENABLE
A3
A2
A1
A0
OUT A
OUT B
L
XXXXNone
None
H
LLLL1A
None
H
LLLH
2A
None
H
LLH
L3A
None
H
L
L
HH4A
None
H
L
H
LL5A
None
H
L
HL
H6A
None
H
L
H
H
L
7A
None
H
L
HHH8A
None
H
H
LLLNone
1B
H
H
L
L
H
None
2B
H
H
L
H
L
None
3B
H
H
L
H
H
None
4B
H
H
H
L
L
None
5B
H
HHL
HNone
6B
H
HHHL
None
7B
H
HHHHNone
8B
NOTE:
1. For 16-channel single-ended function, tie ‘out A’ to ‘out B’; for
dual 8-channel function use the A3 address pin to select
between MUX A and MUX B, where MUX A is selected with A3
low.
HI-516 USED AS A DIFFERENTIAL 8-CHANNEL MULTIPLEXER
A3 CONNECTED TO V- SUPPLY
ON CHANNEL TO
ENABLE
A2
A1
A0
OUT A
OUT B
L
X
X
X
None
None
H
L
L
L
1A
1B
H
L
L
H
2A
2B
H
L
H
L
3A
3B
H
L
H
H
4A
4B
H
H
L
L
5A
5B
H
H
L
H
6A
6B
H
H
H
L
7A
7B
H
H
H
H
8A
8B
HI-516


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn