Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-516 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HI-516
Description  16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI-516 Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN3146.4
HI-516
16-Channel/Differential 8-Channel, CMOS
High Speed Analog Multiplexer
The Hl-516 is a monolithic, dielectrically isolated, high-
speed, high-performance CMOS analog multiplexer. It
offers unique built-in channel selection decoding plus an
inhibit input for disabling all channels. The dual function of
address input A3 enables the Hl-516 to be user
programmed either as a single ended 16-Channel
multiplexer by connecting ‘out A’ to ‘out B’ and using A3 as
a digital address input, or as an 8-Channel differential
multiplexer by connecting A3 to the V- supply. The
substrate leakages and parasitic capacitances are reduced
substantially by using the Intersil Dielectric Isolation
process to achieve optimum performance in both high and
low level signal applications. The low output leakage
current (lD(OFF) < 100pA at 25
oC) and fast settling
(tSETTLE = 800ns to 0.01%) characteristics of the device
make it an ideal choice for high speed data acquisition
systems, precision instrumentation, and industrial process
control.
For MIL-STD-883 compliant parts, request the Hl-516/883
data sheet.
Features
• Access Time (Typical) . . . . . . . . . . . . . . . . . . . . . . . 130ns
• Settling Time . . . . . . . . . . . . . . . . . . . . . . . . 250ns (0.1%)
• Low Leakage (Typical)
-IS(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10pA
-ID(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30pA
• Low Capacitance (Max)
-CS(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10pF
-CD(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25pF
• Off Isolation at 500kHz . . . . . . . . . . . . . . . . . . 55dB (Min)
• Low Charge Injection Error . . . . . . . . . . . . . . . . . . . 20mV
• Single Ended to Differential Selectable (SDS)
• Logic Level Selectable (LLS)
Pb-Free Available (RoHS Compliant)
Applications
• Data Acquisition Systems
• Precision Instrumentation
• Industrial Control
Pinout
HI-516 (PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HI3-0516-5
0 to 75
28 Ld PDIP
E28.6
HI3-0516-5Z
(See Note)
0 to 75
28 Ld PDIP*
(Pb-free)
E28.6
*
Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
V+
OUT B
NC
IN 16/8B
IN 15/7B
IN 14/6B
IN 13/5B
IN 12/4B
IN 11/3B
IN 10/2B
IN 9/1B
GND
VDD/LLS
A3/SDS
OUT A
IN 8/8A
IN 7/7A
IN 6/6A
IN 5/5A
IN 3/3A
IN 1/1A
ENABLE
A0
A1
A2
V-
IN 4/4A
IN 2/2A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Data Sheet
April 1, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn