Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-516 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HI-516
Description  16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI-516 Datasheet(HTML) 6 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Test Circuits and Waveforms VDD/LLS = GND, Unless Otherwise Specified.
FIGURE 1. ON RESISTANCE TEST CIRCUIT
FIGURE 2. ID(OFF) TEST CIRCUIT (NOTE 8)
FIGURE 3. IS(OFF) TEST CIRCUIT (NOTE 8)
FIGURE 4. ID(ON) TEST CIRCUIT (NOTE 8)
FIGURE 5A. MEASUREMENT POINTS
FIGURE 5B. TEST CIRCUIT
NOTE:
8. Two measurements per channel:
±10V and 10V. (Two measurements per device for ID(OFF) ±10V and 10V).
FIGURE 6. ACCESS TIME
OUT
IN
VIN
V2
IOUT 100µA
rON =
V2
100
µA
±10V
OUT
±10V
EN
0.8V
10V
A ID(OFF)
OUT
EN
±10V
A
IS(OFF)
0.8V
10V
OUT
±10V
EN
2.4V
10V
A
ID(ON)
50%
3.5V
10%
+10V
0V
OUTPUT
-10V
tA
ADDRESS
DRIVE (VA)
±10V
+15V
V+
V-
IN 1
IN 2-15
IN 16
OUT B
A0
EN
A1
10
50
k
pF
-15V
A3/SDS
A2
50
VA
2.4V
GND
VDD/LLS
10V
OUT A
HI-516


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn