Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-516 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HI-516
Description  16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI-516 Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Input Leakage Current, IAL (Low)
Full
-
-
25
µA
ANALOG CHANNEL CHARACTERISTICS
Analog Signal Range, VIN
Note 4
Full
-15
-
+15
V
On Resistance, rON
Note 5
25
-
620
750
Full
-
-
1,000
Off Input Leakage Current, lS(OFF)
25
-
0.01
-
nA
Full
-
-
50
nA
Off Output Leakage Current,
ID(OFF)
25
-
0.03
-
nA
Full
-
-
100
nA
On Channel Leakage Current, ID(ON)
25
-
0.04
-
nA
POWER SUPPLY CHARACTERISTICS
Power Dissipation, PD
Full
-
-
900
mW
I+, Current
VEN = 2.4V
Full
-
-
30
mA
I-, Current
Full
-
-
30
mA
NOTES:
3. VDD/LLS pin = open or grounded for TTL compatibility. VDD/LLS pin = VDD for CMOS compatibility.
4. At temperatures above 90oC, care must be taken to assure VIN remains at least 1V below the VSUPPLY for proper operation.
5. VIN = ±10V, IOUT = -100µA.
6. VIN = 0V, CL = 100pF, enable input pulse = 3V, f = 500kHz.
7. VEN = 0.8V, VIN = 3VRMS, f = 500kHz, CL = 40pF, RL = 1K, Pin 3 grounded.
Electrical Specifications
Supplies = +15V, -15V; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = 0.8V;
VDD/LLS = GND. (Note 3) Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-5
UNITS
MIN
TYP
MAX
HI-516


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn