Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4W Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. BZX84C2V4W
Description  200mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C2V4W Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84C2V4W_1 Datasheet HTML 1Page - Diodes Incorporated BZX84C2V4W_1 Datasheet HTML 2Page - Diodes Incorporated BZX84C2V4W_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30066 Rev. 13 - 2
2 of 3
www.diodes.com
BZX84C2V4W - BZX84C39W
© Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage
Range (Note 4)
Maximum Zener Impedance
(Note 5)
Maximum
Reverse Current
(Note 4)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
(mV/
°C)
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
mA
mA
uA
V
Min
Max
BZX84C2V4W
KRB
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7W
KRC
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0W
KRD
3.0
2.8
3.2
5.0
95
600
1.0
20
1.0
-3.5
0
BZX84C3V3W
KRE
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6W
KRF
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9W
KRG
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3W
KRH
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7W
KR1
4.7
4.4
5.0
5.0
80
600
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1W
KR2
5.1
4.8
5.4
5.0
60
500
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6W
KR3
5.6
5.2
6.0
5.0
40
480
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2W
KR4
6.2
5.8
6.6
5.0
10
400
1.0
3.0
4.0
0.4
3.7
BZX84C6V8W
KR5
6.8
6.4
7.2
5.0
15
150
1.0
2.0
4.0
1.2
4.5
BZX84C7V5W
KR6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2W
KR7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1W
KR8
9.1
8.5
9.6
5.0
15
80
1.0
0.5
6.0
3.8
7.0
BZX84C10W
KR9
10
9.4
10.6
5.0
20
100
1.0
0.2
7.0
4.5
8.0
BZX84C11W
KP1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12W
KP2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13W
KP3
13
12.4
14.1
5.0
30
150
1.0
0.1
8.0
7.0
11.0
BZX84C15W
KP4
15
13.8
15.6
5.0
30
170
1.0
0.1
10.5
9.2
13.0
BZX84C16W
KP5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18W
KP6
18
16.8
19.1
5.0
45
200
1.0
0.1
12.6
12.4
16.0
BZX84C20W
KP7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22W
KP8
22
20.8
23.3
5.0
55
225
1.0
0.1
15.4
16.4
20.0
BZX84C24W
KP9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27W
KPA
27
25.1
28.9
2.0
80
250
0.5
0.1
18.9
21.4
25.3
BZX84C30W
KPB
30.0
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33W
KPC
33.0
31.0
35.0
2.0
80
300
0.5
0.1
23.1
27.4
33.4
BZX84C36W
KPD
36.0
34.0
38.0
2.0
90
325
0.5
0.1
25.2
30.4
37.4
BZX84C39W
KPE
39.0
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. f = 1KHz.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
XXX = Product Type Marking Code, See Table Above
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZT52C2V0_1SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221B_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
SMAZ5V1_11.0W SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
RB521S30SURFACE MOUNT SCHOTTKY DIODE 1 2 3 Pan Jit International Inc.
BAT54_SURFACE MOUNT SCHOTTKY BARRIER DIODE 1 2 3 Diodes Incorporated
MMBD4448_SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn