Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1181 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ISP1181
Description  Full-speed Universal Serial Bus interface device
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181 Datasheet(HTML) 1 Page - NXP Semiconductors

  ISP1181 Datasheet HTML 1Page - NXP Semiconductors ISP1181 Datasheet HTML 2Page - NXP Semiconductors ISP1181 Datasheet HTML 3Page - NXP Semiconductors ISP1181 Datasheet HTML 4Page - NXP Semiconductors ISP1181 Datasheet HTML 5Page - NXP Semiconductors ISP1181 Datasheet HTML 6Page - NXP Semiconductors ISP1181 Datasheet HTML 7Page - NXP Semiconductors ISP1181 Datasheet HTML 8Page - NXP Semiconductors ISP1181 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
ISP1181
Full-speed Universal Serial Bus interface device
Rev. 01 — 13 March 2000
Objective specification
c
c
1.
General description
The ISP1181 is a Universal Serial Bus (USB) interface device which complies with
Universal Serial Bus Specification Rev. 1.1. It provides full-speed USB
communication capacity to microcontroller or microprocessor-based systems. The
ISP1181 communicates with the system’s microcontroller or microprocessor through
a high-speed general-purpose parallel interface.
The fully autonomous Direct Memory Access (DMA) operation - auto download, auto
repeat, auto execution - removes the need for the device to re-enable or re-initialize
the DMA operation every time.
The modular approach to implementing a USB interface device allows the designer to
select the optimum system microcontroller from the wide variety available. The ability
to re-use existing architecture and firmware investments shortens development time,
eliminates risks and reduces costs. The result is fast and efficient development of the
most cost-effective USB peripheral solution.
The ISP1181 is ideally suited for application in many personal computer peripherals,
such as printers, scanners, external mass storage (zip drive) devices and digital still
cameras. It offers an immediate cost reduction for applications that currently use
SCSI implementations.
2.
Features
s Complies with Universal Serial Bus Specification Rev. 1.1 and most Device Class
specifications
s High performance USB interface device with integrated Serial Interface Engine
(SIE), FIFO memory, transceiver and 3.3 V voltage regulator
s Interrupt endpoint can be configured in ‘rate feedback’ mode
s High speed (11.1 Mbyte/s or 90 ns read/write cycle) parallel interface
s Fully autonomous and multi-configuration DMA operation
s Up to 14 programmable USB endpoints with 2 fixed control IN/OUT endpoints
s Integrated physical 2462 bytes of multi-configuration FIFO memory
s Endpoints with double buffering to increase throughput and ease real-time data
transfer
s Seamless interface with most microcontrollers/microprocessors
s Bus-powered capability with low power consumption and low ‘suspend’ current
s 6 MHz crystal oscillator with integrated PLL for low EMI


Similar Part No. - ISP1181

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ABS PHILIPS-ISP1181ABS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ADGG PHILIPS-ISP1181ADGG Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BBS PHILIPS-ISP1181BBS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
More results

Similar Description - ISP1181

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
   Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
   USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com