Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1161BD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ISP1161BD
Description  Full-speed Universal Serial Bus single-chip host and device controller
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161BD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ISP1161BD Datasheet HTML 7Page - NXP Semiconductors ISP1161BD Datasheet HTML 8Page - NXP Semiconductors ISP1161BD Datasheet HTML 9Page - NXP Semiconductors ISP1161BD Datasheet HTML 10Page - NXP Semiconductors ISP1161BD Datasheet HTML 11Page - NXP Semiconductors ISP1161BD Datasheet HTML 12Page - NXP Semiconductors ISP1161BD Datasheet HTML 13Page - NXP Semiconductors ISP1161BD Datasheet HTML 14Page - NXP Semiconductors ISP1161BD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
Philips Semiconductors
ISP1161
Full-speed USB single-chip host and device controller
Product data
Rev. 01 — 3 July 2001
11 of 130
9397 750 08313
© Philips Electronics N.V. 2001. All rights reserved.
7.
Functional description
7.1 PLL clock multiplier
A 6 to 48 MHz clock multiplier Phase-Locked Loop (PLL) is integrated on-chip. This
allows for the use of a low-cost 6 MHz crystal, which also minimizes EMI. No external
components are required for the operation of the PLL.
7.2 Bit clock recovery
The bit clock recovery circuit recovers the clock from the incoming USB data stream
using a 4
× over-sampling principle. It is able to track jitter and frequency drift as
specified by the
USB Specification Rev. 1.1.
7.3 Analog transceivers
Three sets of transceiver are embedded in the chip: two are used for downstream
ports with USB connector type A; one is used for upstream port with USB connector
type B.The integrated transceivers are compliant with the
Universal Serial Bus
Specification Rev 1.1. They interface directly with the USB connectors and cables
through external termination resistors.
7.4 Philips Serial Interface Engine (SIE)
The Philips SIE implements the full USB protocol layer. It is completely hardwired for
speed and needs no firmware intervention. The functions of this block include:
synchronization pattern recognition, parallel/serial conversion, bit (de)stuffing, CRC
checking/generation, Packet IDentifier (PID) verification/generation, address
recognition, handshake evaluation/generation. There are separate SIE in both the HC
and the DC.
7.5 SoftConnect (in DC)
The connection to the USB is accomplished by bringing D
+ (for high-speed USB
devices) HIGH through a 1.5 k
Ω pull-up resistor. In the ISP1161 the 1.5 kΩ pull-up
resistor is integrated on-chip and is not connected to VCC by default. The connection
is established through a command sent by the external/system microcontroller. This
allows the system microcontroller to complete its initialization sequence before
deciding to establish connection with the USB. Re-initialization of the USB connection
can also be performed without disconnecting the cable.
The ISP1161 DC will check for USB VBUS availability before the connection can be
established. VBUS sensing is provided through pin D_VBUS.
Remark: Note that the tolerance of the internal resistors is 25%. This is higher than
the 5% tolerance specified by the USB specification. However, the overall VSE voltage
specification for the connection can still be met with a good margin. The decision to
make use of this feature lies with the USB equipment designer.


Similar Part No. - ISP1161BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BD PHILIPS-ISP1161A1BD Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BM PHILIPS-ISP1161A1BM Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results

Similar Description - ISP1161BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com