Electronic Components Datasheet Search |
|
W25X10 Datasheet(PDF) 35 Page - Winbond |
|
W25X10 Datasheet(HTML) 35 Page - Winbond |
35 / 45 page W25X10, W25X20, W25X40, W25X80 Publication Release Date: September 22, 2006 - 35 - Preliminary - Revision I 11.7 AC Electrical Characteristics SPEC DESCRIPTION SYMBOL ALT MIN TYP MAX UNIT Clock frequency for all instructions, except Read Data (03h) 2.7V-3.6V VCC & Industrial Temperature FR fC D.C. 50 MHz Clock frequency for all instructions, except Read Data (03h) 3.0V-3.6V VCC & Commercial Temperature FR0 (4) fC0 D.C. 70 MHz Clock frequency, for Fast Read (0Bh, 3Bh) only 3.0V-3.6V VCC & Commercial Temperature FR1 (4) fC1 D.C. 75 MHz Clock freq. Read Data instruction 03h fR D.C. 33 MHz Clock High, Low Time, for Fast Read (0Bh, 3Bh) / other instructions except Read Data (03h) tCLH, tCLL(1) 6/7 ns Clock High, Low Time for Read Data (03h) instruction tCRLH, tCRLL(1) 8 ns Clock Rise Time peak to peak tCLCH(2) 0.1 V/ns Clock Fall Time peak to peak tCHCL(2) 0.1 V/ns /CS Active Setup Time relative to CLK tSLCH tCSS 5 ns /CS Not Active Hold Time relative to CLK tCHSL 5 ns Data In Setup Time tDVCH tDSU 2 ns Data In Hold Time tCHDX tDH 5 ns /CS Active Hold Time relative to CLK tCHSH 10 ns /CS Not Active Setup Time relative to CLK tSHCH 0 ns /CS Deselect Time tSHSL tCSH 100 ns Output Disable Time tSHQZ(2) tDIS 7 ns Clock Low to Output Valid W25X10/20/40: 2.7V-3.6V / 3.0V-3.6V W25X80: 2.7V-3.6V / 3.0V-3.6V tCLQV tV 7 / 6 7.5 / 6.5 ns Output Hold Time tCLQX tHO 0 ns Continued – next page |
Similar Part No. - W25X10 |
|
Similar Description - W25X10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |