Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3335ADM330R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3335ADM330R2G
Description  Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3335ADM330R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3335ADM330R2G Datasheet HTML 1Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 2Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 3Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 4Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 5Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 6Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 7Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 8Page - ON Semiconductor NCP3335ADM330R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 3
1
Publication Order Number:
NCP3335A/D
NCP3335A
Ultra High Accuracy,
Low Iq, 500 mA
Low Dropout Regulator
The NCP3335A is a high performance, low dropout regulator. With
accuracy of
±0.9% over line and load and ultra−low quiescent current
and noise it encompasses all of the necessary features required by
today’s consumer electronics. This unique device is guaranteed to be
stable without a minimum load current requirement and stable with
any type of capacitor as small as 1.0
mF. The NCP3335A also comes
equipped with sense and noise reduction pins to increase the overall
utility of the device. The NCP3335A offers reverse bias protection.
Features
High Accuracy Over Line and Load (+0.9% at 255C)
Ultra−Low Dropout Voltage at Full Load (260 mV typ.)
No Minimum Output Current Required for Stability
Low Noise (35 mVrms w/10 nF Cnr and 56 mVrms w/out Cnr)
Low Shutdown Current (0.07 mA)
Reverse Bias Protected
2.6 V to 12 V Supply Range
Thermal Shutdown Protection
Current Limitation
Requires Only 1.0 mF Output Capacitance for Stability
Stable with Any Type of Capacitor (including MLCC)
Available in 2.5 V, 2.85 V, 3.3 V, 5.0 V and Adjustable Output
Voltages
These are Pb−Free Devices
Applications
PCMCIA Card
Cellular Phones
Camcoders and Cameras
Networking Systems, DSL/Cable Modems
Cable Set−Top Box
MP3/CD Players
DSP Supply
Displays and Monitors
Micro8
t
DM SUFFIX
CASE 846A
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
http://onsemi.com
Micro8
xxx = LIQ for 2.5 V
= LIR for 2.85 V
= LIS for 3.3 V
= LIT for 5.0 V
= LIO for Adj.
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
xxx
AYW
G
G
1
8
Fixed Version
Pin 1, 2. Vout
3. Sense
4. GND
5. NR
6. SD
7, 8. Vin
Adj Version
Pin 1, 2. Vout
3. Adj
4. GND
5. NR
6. SD
7, 8. Vin
DFN10
MN SUFFIX
CASE 485C
3335A
xxx
ALYW
G
G
1
Fixed Version
Pin 1, 2. Vout
3. Sense
4. GND
5, 6. NC
7. NR
8. SD
9, 10. Vin
Adj Version
Pin 1, 2. Vout
3. Adj
4. GND
5, 6. NC
7. NR
8. SD
9, 10. Vin
DFN10
xxx = 25 for 2.5 V
= 285 for 2.85 V
= 33 for 3.3 V
= 50 for 5.0 V
= ADJ for Adj.


Similar Part No. - NCP3335ADM330R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335ADM330R2G ONSEMI-NCP3335ADM330R2G Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335ADM330R2G ONSEMI-NCP3335ADM330R2G Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
More results

Similar Description - NCP3335ADM330R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
NCV8535 ONSEMI-NCV8535_13 Datasheet
394Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
May, 2013 ??Rev. 4
NCV8535 ONSEMI-NCV8535 Datasheet
388Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
January, 2010 ??Rev. 2
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com