Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78M15 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L78M15
Description  Positive voltage regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M15 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L78M15 Datasheet HTML 4Page - STMicroelectronics L78M15 Datasheet HTML 5Page - STMicroelectronics L78M15 Datasheet HTML 6Page - STMicroelectronics L78M15 Datasheet HTML 7Page - STMicroelectronics L78M15 Datasheet HTML 8Page - STMicroelectronics L78M15 Datasheet HTML 9Page - STMicroelectronics L78M15 Datasheet HTML 10Page - STMicroelectronics L78M15 Datasheet HTML 11Page - STMicroelectronics L78M15 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical characteristics
L78M00 series
8/30
Table 7.
Electrical characteristics of L78M10C (refer to the test circuits, TJ = 25°C, VI = 16V,
IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
9.6
10
10.4
V
VO
Output voltage
IO = 5 to 350 mA, VI = 12.5 to 25 V
9.5
10
10.5
V
∆VO
Line regulation
VI = 12.5 to 30 V, IO = 200 mA
100
mV
VI = 13 to 30 V, IO = 200 mA
50
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
200
mV
IO = 5 to 200 mA, TJ = 25°C
100
Id
Quiescent current
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 12.5 to 30 V
0.8
∆VO/∆T Output voltage drift
IO = 5 mA, TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 13.5 to 24 V, f = 120Hz, IO = 300mA
56
dB
eN
Output noise voltage
B =10Hz to 100KHz
64
µV
Vd
Dropout voltage
2
V
Isc
Short circuit current
VI = 35 V
245
mA
Table 8.
Electrical characteristics of L78M12C (refer to the test circuits, TJ = 25°C, VI = 19V,
IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
11.5
12
12.5
V
VO
Output voltage
IO = 5 to 350 mA, VI = 14.5 to 27 V
11.4
12
12.6
V
∆VO
Line regulation
VI = 14.5 to 30 V, IO = 200 mA
100
mV
VI = 16 to 30 V, IO = 200 mA
50
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
240
mV
IO = 5 to 200 mA, TJ = 25°C
120
Id
Quiescent current
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 14.5 to 30 V
0.8
∆VO/∆T Output voltage drift
IO = 5 mA, TJ = 0 to 125°C
-1
mV/°C
SVR
Supply voltage rejection
VI = 15 to 25 V, f = 120Hz, IO = 300mA
55
dB
eN
Output noise voltage
B =10Hz to 100KHz
75
µV
Vd
Dropout voltage
2
V
Isc
Short circuit current
VI = 35 V
240
mA


Similar Part No. - L78M15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M15 STMICROELECTRONICS-L78M15 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATORS
January 2004
L78M15A STMICROELECTRONICS-L78M15A Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
873Kb / 29P
   Precision 500 mA regulators
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M15AB STMICROELECTRONICS-L78M15AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
More results

Similar Description - L78M15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com