Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV-355T Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTV-355T
Description  Hybrid substrates that require high density mounting Programmable controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-355T Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTV-355T Datasheet HTML 1Page - Lite-On Technology Corporation LTV-355T Datasheet HTML 2Page - Lite-On Technology Corporation LTV-355T Datasheet HTML 3Page - Lite-On Technology Corporation LTV-355T Datasheet HTML 4Page - Lite-On Technology Corporation LTV-355T Datasheet HTML 5Page - Lite-On Technology Corporation LTV-355T Datasheet HTML 6Page - Lite-On Technology Corporation LTV-355T Datasheet HTML 7Page - Lite-On Technology Corporation LTV-355T Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* High current transfer ratio
( CTR : MIN. 600% at IF = 1mA, VCE = 2V )
* Isolation voltage between input and output LTV-355T
( Viso = 3,750Vrms )
* Employs double transfer mold technology
* Subminiature type
( The volume is smaller than that of conventional DIP type by as far as 30% )
* Mini-flat package :
2.0mm profile : LTV-355T
* UL approved ( No. E113898 )
* CUL approved ( No. E113898 , 01SC19287 )
* CSA approved ( No. 1243207 )
* FIMKO approved ( No. FI-16420 )
* NEMKO approved ( No. P01100403 )
* DEMKO approved ( No. 310475-01 )
* SEMKO approved ( No. 0109173 / 01-08 )
* VDE approved ( No. 094722 )
APPLICATIONS
* Hybrid substrates that require high density mounting.
* Programmable controllers
Part No. : LTV-355T
Page :
1 of 8
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn