Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6372A202DL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6372A202DL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6372A202DL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6372A202DL Datasheet HTML 5Page - Torex Semiconductor XC6372A202DL Datasheet HTML 6Page - Torex Semiconductor XC6372A202DL Datasheet HTML 7Page - Torex Semiconductor XC6372A202DL Datasheet HTML 8Page - Torex Semiconductor XC6372A202DL Datasheet HTML 9Page - Torex Semiconductor XC6372A202DL Datasheet HTML 10Page - Torex Semiconductor XC6372A202DL Datasheet HTML 11Page - Torex Semiconductor XC6372A202DL Datasheet HTML 12Page - Torex Semiconductor XC6372A202DL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
589
XC6371/6372/6373
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
4.875
5.000
5.125
V
Maximum Input Voltage
VIN
10
-
-
V
Operation Start Voltage
VST1
External Components Connected, IOUT=1mA
-
-
0.90
V
Oscillation Start Voltage
VST2
No external components. Apply voltage to VOUT
Lx : 10kΩ pull-up to 5V
-
-
0.80
V
No Load Input Current
IIN
VIN=VOUT×0.8, IOUT=0mA (*1)
-
12.8
25.7
μ
A
Supply Current 1
IDD1
Same as VST2,
Apply output voltage×0.95 to VOUT
-
80.2
133.8
μ
A
Supply Current 2
IDD2
Same as VST2,
Apply output voltage×1.1 to VOUT
-
8.2
16.5
μ
A
Lx Switch-On
Resistance
RSWON
Same as IDD1, VLX=0.4V
-
1.4
2.4
Ω
Lx Leak Current
ILXL
No external components. VOUT=VLX=10V
-
-
1.0
μ
A
Oscillation Frequency
FOSC
Same as IDD1. Measuring of Lx waveform
85
100
115
kHz
Maximum Duty Ratio
MAXDTY
Same as IDD1. Measuring of Lx waveform
80
87
92
%
PFM Duty Ratio (*4)
PFMDTY
Same as IDD1. Measuring of Lx waveform
10
17
25
%
Lx Limit Voltage
VLXLMT
Same as IDD1. Apply output voltage to Lx,
Voltage required to produce FOSC×2
0.7
-
1.3
V
Efficiency
EFFI
-
85
-
%
Slow-Start Time
TSS
4.0
10.0
20.0
mS
ELECTRICAL CHARACTERISTICS
NOTE: Unless otherwise stated, VIN=VOUT×0.6, IOUT=50mA. See Typical Application Circuits, Circuit1
*1: The Schottky diode (SD) must be type MA735, with reverse current (IR)<1.0μA at reverse voltage (VR)=10.0V.(XC6372A)
*2: "Supply Current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically
operates which results in less average power consumption. The current actually provided by an external VIN source is represented by
"No Load Input Current (IIN)".
*3: When PWM operates at PWM Mode.
*4: When PFM operates at PFM Mode.(XC6372A)
XC6371/72A501PR
VOUT=5.0V, FOSC=100kHZ
Ta=25℃


Similar Part No. - XC6372A202DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6372A TOREX-XC6372A Datasheet
127Kb / 2P
   XC6372
More results

Similar Description - XC6372A202DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com