Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6371E701DL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6371E701DL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6371E701DL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6371E701DL Datasheet HTML 1Page - Torex Semiconductor XC6371E701DL Datasheet HTML 2Page - Torex Semiconductor XC6371E701DL Datasheet HTML 3Page - Torex Semiconductor XC6371E701DL Datasheet HTML 4Page - Torex Semiconductor XC6371E701DL Datasheet HTML 5Page - Torex Semiconductor XC6371E701DL Datasheet HTML 6Page - Torex Semiconductor XC6371E701DL Datasheet HTML 7Page - Torex Semiconductor XC6371E701DL Datasheet HTML 8Page - Torex Semiconductor XC6371E701DL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
582
XC6371/6372/6373 Series
PIN NUMBER
SOT-89
USP-6B
PIN NAME
FUNCTION
1
6
VSS
Ground
2
1
VOUT
Output Voltage Monitor/IC Internal Power Supply
3
4
Lx
Switch
2, 3, 5
NC
No Connection
PIN NUMBER
SOT-89-5
USP-6B
PIN NAME
FUNCTION
5
6
VSS
Ground
2
1
VOUT
Output Voltage Monitor/IC Internal Power Supply
4
4
Lx
Switch
3
3
CE
Chip Enable
1
2, 5
NC
No Connection
PIN NUMBER
SOT-89-5
USP-6B
PIN NAME
FUNCTION
5
6
VSS
Ground
2
1
VDD
IC Internal Power Supply
4
4
Lx
Switch
3
3
VOUT
Output Voltage Monitor
1
2, 5
NC
No Connection
PIN CONFIGURATION
PIN ASSIGNMENT
XC6371/72/73A
XC6371/72/73C
XC6371/72/73E
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release. If the pad needs
to be connected to other pins, it should be
connected to the pin No.1.


Similar Part No. - XC6371E701DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371E TOREX-XC6371E Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371EXX0PL TOREX-XC6371EXX0PL Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371EXX0PR TOREX-XC6371EXX0PR Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371EXX1PL TOREX-XC6371EXX1PL Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371EXX1PR TOREX-XC6371EXX1PR Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6371E701DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com