Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4PC50UDPBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRG4PC50UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50UDPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4PC50UDPBF Datasheet HTML 2Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 9Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRG4PC50UDPbF
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
1
10
100
0.6
1.0
1.4
1.8
2.2
2.6
FM
F o rw ard V o lta g e D ro p - V
(V )
T = 150°C
T = 125°C
T = 25°C
J
J
J
1
10
100
1000
1
10
100
1000
CE
GE
V
, Collector-to-Em itter Voltage (V)
SA FE O PER ATING AR EA
V
= 20V
T
= 125°C
GE
J
0.0
2.0
4.0
6.0
8.0
0
1 02 03 04 0
5 06 0
C
I , C o lle cto r-to-E m itte r C u rre n t (A )
A
R
= 5 .0
T
= 15 0 °C
V
= 480V
V
= 1 5 V
G
J
CC
GE


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn