Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4PC50UDPBF Datasheet(PDF) 4 Page - International Rectifier

Part No. IRG4PC50UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50UDPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG4PC50UDPBF Datasheet HTML 1Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 2Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50UDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRG4PC50UDPbF
4
www.irf.com
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
1.0
1.5
2.0
2.5
-60
-40
-20
0
2 0
4 0
6 0
8 0
100 120 140 160
V
= 15V
80µs PU LSE W ID TH
GE
A
T , Ju nction Te m p eratu re (°C )
J
I = 54A
I = 27A
I = 14A
C
C
C
0
10
20
30
40
50
60
25
50
75
100
125
150
T , C ase Tem perature (°C)
C
V
= 15V
GE
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , R ectangular P ulse D ura tion (sec)
1
D = 0 .5 0
0.01
0.02
0.05
0.1 0
0.2 0
S IN G L E P U L S E
(T HE RM A L RE S P O N S E )
P
t 2
1
t
DM
N ote s :
1 . D u ty f ac t or D = t / t
2 . P e a k T = P
x Z
+ T
1
2
J
DM
th J C
C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn