Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1107DH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ISP1107DH
Description  Advanced Universal Serial Bus transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107DH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ISP1107DH Datasheet HTML 6Page - NXP Semiconductors ISP1107DH Datasheet HTML 7Page - NXP Semiconductors ISP1107DH Datasheet HTML 8Page - NXP Semiconductors ISP1107DH Datasheet HTML 9Page - NXP Semiconductors ISP1107DH Datasheet HTML 10Page - NXP Semiconductors ISP1107DH Datasheet HTML 11Page - NXP Semiconductors ISP1107DH Datasheet HTML 12Page - NXP Semiconductors ISP1107DH Datasheet HTML 13Page - NXP Semiconductors ISP1107DH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Philips Semiconductors
ISP1107
Advanced USB transceiver
Objective specification
Rev. 01 — 23 February 2000
10 of 19
9397 750 06899
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Test circuit: see Figure 10.
[2]
Characterized only, not tested. Limits guaranteed by design.
VCRS
output signal crossover
voltage
excluding the first transition
from idle state; see Figure 7
[2] 1.3
-
2.0
V
Driver timing
Full-speed mode
tPLH(drv)
driver propagation delay
(VO, FSE0 to D
+,D−)
LOW-to-HIGH; see Figure 7
--15
ns
tPHL(drv)
HIGH-to-LOW; see Figure 7
--15
ns
tPHZ
driver disable delay
(OE to D
+,D−)
HIGH-to-OFF; see Figure 5
--10
ns
tPLZ
LOW-to-OFF; see Figure 5
--10
ns
tPZH
driver enable delay
(OE to D
+,D−)
OFF-to-HIGH; see Figure 5
--15
ns
tPZL
OFF-to-LOW; see Figure 5
--15
ns
Low-speed mode
Not specified: low-speed delay timings are dominated by the slow rise/fall times tLR and tLF.
Receiver timings (full-speed and low-speed mode)
Differential receiver
tPLH(rcv)
propagation delay
(D
+,D− to RCV)
LOW-to-HIGH; see Figure 6
--15
ns
tPHL(rcv)
HIGH-to-LOW; see Figure 6
--15
ns
Single-ended receiver
tPLH(se)
propagation delay
(D
+,D− to VP, VM)
LOW-to-HIGH; see Figure 6
--15
ns
tPHL(se)
HIGH-to-LOW; see Figure 6
--15
ns
Table 12: Dynamic characteristics: analog I/O pins (D
+, D−) [1]…continued
VCC = 4.0 to 5.5 V; VCC(I/O) = 1.65 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 4.
Rise and fall times.
Fig 5.
Timing of OE to D
+, D−.
Fig 6.
Timing of D
+, D− to RCV, VP, VM.
Fig 7.
Timing of VO, FSE0 to D
+, D−.
MGS963
VOL
tFR, tLR
tFF, tLF
VOH
90%
10%
10%
90%
MGS966
VOL
VOH
tPZH
tPZL
tPHZ
tPLZ
VOH −0.3 V
VOL +0.3 V
VCRS
0.9 V
0.9 V
1.65 V
0 V
logic input
differential
data lines
MGS965
VOL
VOH
tPHL(rcv)
tPHL(se)
tPLH(rcv)
tPLH(se)
VCRS
VCRS
0.9 V
0.9 V
2.0 V
0.8 V
logic output
differential
data lines
MGS964
VOL
VOH
tPHL(drv)
tPLH(drv)
VCRS
VCRS
0.9 V
0.9 V
1.65 V
0 V
logic input
differential
data lines


Similar Part No. - ISP1107DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1107DH PHILIPS-ISP1107DH Datasheet
588Kb / 24P
   Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
More results

Similar Description - ISP1107DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
logo
Texas Instruments
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com