Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBU10005 Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. GBU10005
Description  10A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

GBU10005 Datasheet(HTML) 3 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS30052 Rev. 6 - 2
3 of 3
GBU10005 - GBU1010
www.diodes.com
Ordering Information
Device
Packaging
Shipping
GBU10005-GBU1010
GBU
20/Tube
(Note 5)


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GBJ10005_110A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
W005G_11.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
GBU4005_14.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
KBP005G_11.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
GBU6005_16.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
2W005G_12.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
GBU8005_18.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
FBI4A7M14 Amp. Glass Passivated Bridge Rectifier 1 2 List of Unclassifed Manufacturers
KBP2005G_12.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
KBJ4005G_14.0A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn