Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1106 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ISP1106
Description  Advanced Universal Serial Bus transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1106 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ISP1106 Datasheet HTML 7Page - NXP Semiconductors ISP1106 Datasheet HTML 8Page - NXP Semiconductors ISP1106 Datasheet HTML 9Page - NXP Semiconductors ISP1106 Datasheet HTML 10Page - NXP Semiconductors ISP1106 Datasheet HTML 11Page - NXP Semiconductors ISP1106 Datasheet HTML 12Page - NXP Semiconductors ISP1106 Datasheet HTML 13Page - NXP Semiconductors ISP1106 Datasheet HTML 14Page - NXP Semiconductors ISP1106 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
11 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Table 14:
Static characteristics: digital pins
VCC(I/O) = 1.65 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC(I/O) = 1.65 to 3.6 V
Input levels
VIL
LOW-level input voltage
-
-
0.3VCC(I/O)
V
VIH
HIGH-level input voltage
0.6VCC(I/O)
--
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 2 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µAVCC(I/O) − 0.15 -
-
V
IOH = 2 mA
VCC(I/O) − 0.4
-
-
V
Leakage current
ILI
input leakage current
-
-
±1
µA
Example 1: VCC(I/O) = 1.8 V ± 0.15 V
Input levels
VIL
LOW-level input voltage
-
-
0.5
V
VIH
HIGH-level input voltage
1.2
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 2 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
1.5
-
-
V
IOH = 2 mA
1.25
-
-
V
Example 2: VCC(I/O) = 2.5 V ± 0.2 V
Input levels
VIL
LOW-level input voltage
-
-
0.7
V
VIH
HIGH-level input voltage
1.7
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 2 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
2.15
-
-
V
IOH = 2 mA
1.9
-
-
V
Example 3: VCC(I/O) = 3.3 V ± 0.3 V
Input levels
VIL
LOW-level input voltage
-
-
0.9
V
VIH
HIGH-level input voltage
2.15
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 2 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
2.85
-
-
V
IOH = 2 mA
2.6
-
-
V
Capacitance
CIN
input capacitance
pin to GND
-
-
10
pF


Similar Part No. - ISP1106

ManufacturerPart #DatasheetDescription
logo
Ericsson
ISP1106 ERICSSON-ISP1106 Datasheet
757Kb / 25P
   Advanced USB transceivers
ISP1106DHTM ERICSSON-ISP1106DHTM Datasheet
757Kb / 25P
   Advanced USB transceivers
ISP1106WTS ERICSSON-ISP1106WTS Datasheet
757Kb / 25P
   Advanced USB transceivers
More results

Similar Description - ISP1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
logo
Texas Instruments
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com