Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1103D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1103D
Description  Universal Serial Bus transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1103D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1103D Datasheet HTML 4Page - NXP Semiconductors ISP1103D Datasheet HTML 5Page - NXP Semiconductors ISP1103D Datasheet HTML 6Page - NXP Semiconductors ISP1103D Datasheet HTML 7Page - NXP Semiconductors ISP1103D Datasheet HTML 8Page - NXP Semiconductors ISP1103D Datasheet HTML 9Page - NXP Semiconductors ISP1103D Datasheet HTML 10Page - NXP Semiconductors ISP1103D Datasheet HTML 11Page - NXP Semiconductors ISP1103D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Philips Semiconductors
ISP1103
USB transceiver
Preliminary specification
Rev. 01 — 4 October 1999
8 of 17
9397 750 06329
© Philips Electronics N.V. 1999. All rights reserved.
[1]
Test circuit: see Figure 11.
[2]
Excluding the first transition from Idle state.
[3]
Characterized only, not tested. Limits guaranteed by design.
Driver timing
tPLH
propagation delay (VPO/VO,
VMO/FSE0 to D
+,D−)
LOW-to-HIGH; see Figure 8
-
-
165
ns
tPHL
HIGH-to-LOW; see Figure 8
-
-
145
ns
tPHZ
3-state output disable time
(OE to D
+,D−)
HIGH-to-OFF; see Figure 6
--6
ns
tPLZ
LOW-to-OFF; see Figure 6
--5
ns
tPZH
3-state output enable time
(OE to D
+,D−)
OFF-to-HIGH; see Figure 6
-
-
100
ns
tPZL
OFF-to-LOW; see Figure 6
-
-
100
ns
Receiver timing
Differential receiver
tPLH
propagation delay
(D
+,D− to RCV)
LOW-to-HIGH; see Figure 7
--9
ns
tPHL
HIGH-to-LOW; see Figure 7
--10
ns
Single-ended receiver
tPLH
propagation delay
(D
+,D− to VP,VM)
LOW-to-HIGH; see Figure 7
--5
ns
tPHL
HIGH-to-LOW; see Figure 7
--8
ns
Table 12: Dynamic characteristics: analog I/O pins (D
+, D−); low-speed mode [1]…continued
VCC =VCC(3.3); VGND =0V; Tamb = −40 to +85 °C; CL = 50 pF; RPU = 1.5 kΩ on D− to VTERM.; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Rise and fall times.
Fig 6.
Timing of OE to D+, D-.
Fig 7.
Timing of D+, D- to RCV, VP, VM.
Fig 8.
Timing of VPO/VO, VMO/FSE0 to D+, D-.
MGS255
tFR, tLR
tFF, tLF
VOH
VOL
90%
90%
10%
10%
MGS257
tPZH
tPZL
+3.0 to +5.5 V
0 V
logic input
+3.3 V
0 V
differential
data lines
tPHZ
tPLZ
1/2VCC(3.3)
VOH − 0.3 V
VOL + 0.3 V
VCRS
MGS256
tPLH
+3.3 V
0 V
differential
data lines
tPHL
VOH
0 V
logic output
1/2VCC(3.3)
VCRS
MGS254
tPLH
+3.0 to +5.5 V
0 V
logic input
+3.3 V
0 V
differential
data lines
tPHL
1/2VCC(3.3)
VCRS


Similar Part No. - ISP1103D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102AW NXP-ISP1102AW Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102BS PHILIPS-ISP1102BS Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102W PHILIPS-ISP1102W Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
More results

Similar Description - ISP1103D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com