Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAV23A Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. BAV23A
Description  SURFACE MOUNT SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV23A Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV23A_1 Datasheet HTML 1Page - Diodes Incorporated BAV23A_1 Datasheet HTML 2Page - Diodes Incorporated BAV23A_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30042 Rev. 11 - 2
1 of 3
BAV23A/C/S
www.diodes.com
ã Diodes Incorporated
BAV23A/C/S
SURFACE MOUNT SWITCHING DIODE
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Lead Free Plating (Matte Tin
Finish annealed over Alloy 42 leadframe).
·
Polarity: See Diagrams Below
·
Marking: See Diagrams Below & Page 2
·
Weight: 0.008 grams (approximate)
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
Characteristic
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Forward Continuous Current (Note 2)
IFM
400
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 100
ms
@ t = 10ms
IFSM
9.0
3.0
1.7
A
Repetitive Peak Forward Surge Current (Note 2 )
IFRM
625
mA
Power Dissipation (Note 2)
Pd
350
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
357
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
250
¾
V
IR = 100
mA
Forward Voltage (Note 1)
VF
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Reverse Current @ Rated DC Blocking Voltage (Note 1)
IR
¾
100
nA
mA
Tj = 25
°C
Tj = 150
°C
Total Capacitance
CT
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1.
Short duration test pulse used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
BAV23S Marking: KL31
BAV23C Marking: KT6
BAV23A Marking: KT7
Features
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
SPICE MODELS: BAV23A BAV23C BAV23S


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MMBD4448_ SURFACE MOUNT SWITCHING DIODE 1  2  3  Diodes Incorporated
CMPD2004 SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE 1  2  Central Semiconductor Corp
BAV19W_ SURFACE MOUNT SWITCHING DIODE 1  2  3  Diodes Incorporated
MMBD7000_ DUAL SURFACE MOUNT SWITCHING DIODE 1  2  3  Diodes Incorporated
1N4448W_ FAST SWITCHING SURFACE MOUNT DIODE 1  2  3  Diodes Incorporated
BAS16_ SURFACE MOUNT SWITCHING DIODE 1  2  3  Diodes Incorporated
BAS19_ SURFACE MOUNT FAST SWITCHING DIODE 1  2  3  Diodes Incorporated
BAV70_ DUAL SURFACE MOUNT SWITCHING DIODE 1  2  3  Diodes Incorporated
BAV99_ DUAL SURFACE MOUNT SWITCHING DIODE 1  2  3  Diodes Incorporated
BAW56_ DUAL SURFACE MOUNT SWITCHING DIODE 1  2  3  Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn