Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT1236 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part No. AAT1236
Description  High Efficiency White LED Drivers for Backlight and Keypad
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1236 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT1236 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AAT1236
High Efficiency White LED Drivers
for Backlight and Keypad
1236.2007.02.1.1
5
Electrical Characteristics (continued)1
VIN = 3.6V; CIN = 2.2µF;TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
I2C Interface Timing Details
TSU_STO
TSU_STA
THD_STA
THIGH
TLOW
TSU_DAT
THD_DAT
SDA
SCL
TBUF
THD_STA
Symbol
Description
Conditions
Min
Typ
Max Units
Thermal Protection
TJ-TH
TJ Thermal Shutdown Threshold
140
°C
TJ-HYS
TJ Thermal Shutdown Hysteresis
15
°C
1. The AAT1236 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn