Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT1236 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part No. AAT1236
Description  High Efficiency White LED Drivers for Backlight and Keypad
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1236 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT1236 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1236 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AAT1236
High Efficiency White LED Drivers
for Backlight and Keypad
1236.2007.02.1.1
3
Absolute Maximum Ratings1
TA = 25°C unless otherwise noted.
Thermal Information2
Symbol
Description
Value
Units
θJA
Thermal Resistance
50
°C/W
PD
Maximum Power Dissipation3
2W
Symbol
Description
Value
Units
VIN, IN
Input Voltage
-0.3 to 6.0
V
SW
Switching Node
28
V
EN, SCL, SDA, Bx,
Maximum Rating
VIN + 0.3
V
Ax, RSET, OV, LIN
TS
Storage Temperature Range
-65 to 150
°C
TJ
Operating Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 circuit board.
3. Derate 20mW°C above 40°C ambient temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn