Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1402-1-ACZL-TR Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMC1402-1-ACZL-TR
Description  1째C Temperature Sensor with Beta Compensation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1402-1-ACZL-TR Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMC1402-1-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC1402-1-ACZL-TR Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
1°C Temperature Sensor with Beta Compensation
Datasheet
SMSC EMC1402
9
Revision 1.16 (03-15-07)
DATASHEET
Chapter 2 Pin Description
The pin types are described below:
Power - these pins are used to supply either VDD or GND to the device.
AIO - Analog Input / Output.
DI - Digital Input.
OD - Open Drain Digital Output.
DIOD - Digital Input / Open Drain Output.
Table 2.1 EMC1402 Preliminary Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP
External diode positive (anode)
connection
AIO
3
DN
External diode negative (cathode)
connection
AIO
4THERM
Active low Critical THERM output
signal - requires pull-up resistor
OD
5
GND
Ground
Power
6ALERT
Active low digital ALERT output
signal - requires pull-up resistor,
OD
7
SMDATA
SMBus Data input/output
DIOD
8
SMCLK
SMBus Clock input
DI


Similar Part No. - EMC1402-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402-1-ACZL-TR SMSC-EMC1402-1-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
More results

Similar Description - EMC1402-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
   1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1184 SMSC-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com