Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1402 Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC1402
Description  1째C Temperature Sensor with Beta Compensation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1402 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC1402 Datasheet HTML 6Page - SMSC Corporation EMC1402 Datasheet HTML 7Page - SMSC Corporation EMC1402 Datasheet HTML 8Page - SMSC Corporation EMC1402 Datasheet HTML 9Page - SMSC Corporation EMC1402 Datasheet HTML 10Page - SMSC Corporation EMC1402 Datasheet HTML 11Page - SMSC Corporation EMC1402 Datasheet HTML 12Page - SMSC Corporation EMC1402 Datasheet HTML 13Page - SMSC Corporation EMC1402 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
1°C Temperature Sensor with Beta Compensation
Datasheet
Revision 1.16 (03-15-07)
10
SMSC EMC1402
DATASHEET
Chapter 3 Electrical Specifications
3.1
Absolute Maximum Ratings
Note: Stresses at or above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied. When powering this device from
laboratory or system power supplies, it is important that the Absolute Maximum Ratings not be
exceeded or device failure can result. Some power supplies exhibit voltage spikes on their
outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
3.2
Electrical Specifications
Table 3.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage (VDD)
-0.3 to 5.0
V
Voltage on SMDATA and SMCLK pins
-0.3 to 5.5
V
Voltage on any other pin to Ground
-0.3 to VDD +0.3
V
Operating Temperature Range
-40 to +125
°C
Storage Temperature Range
-55 to +150
°C
Lead Temperature Range
Refer to JEDEC Spec. J-STD-
020
Package Thermal Characteristics for MSOP-8
Thermal Resistance (
θ
j-a)
140.8
°C/W
ESD Rating, All pins HBM
2000
V
Table 3.2 Electrical Specifications
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
150
220
uA
1 conversion / sec, dynamic
averaging disabled
750
uA
> 16 conversions / sec, dynamic
averaging enabled


Similar Part No. - EMC1402

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402-1-ACZL-TR SMSC-EMC1402-1-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1402-2-ACZL-TR SMSC-EMC1402-2-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1402-3-ACZL-TR SMSC-EMC1402-3-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1402-4-ACZL-TR SMSC-EMC1402-4-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
More results

Similar Description - EMC1402

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
   1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1184 SMSC-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com