Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1023-1-ACZL-TR Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1023-1-ACZL-TR
Description  1째C Triple Temperature Sensor with Resistance Error Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1023-1-ACZL-TR Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1023-1-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction
Datasheet
SMSC EMC1023
7
Revision 1.2 (02-05-07)
DATASHEET
Chapter 3 System Management Bus Interface Protocol
A host controller, such as an SMSC I/O controller, communicates with the EMC1023 via the two wire
serial interface named SMBus. The SMBus interface is used to read and write registers in the
EMC1023, which is a slave-only device. A detailed timing diagram is shown in Figure 3.1.
Figure 3.1 System Management Bus Timing Diagram
The EMC1023 implements a subset of the SMBus specification and supports Write Byte, Read Byte,
Send Byte, Receive Byte, and Alert Response Address protocols. as shown. In the tables that describe
the protocol, the “gray” columns indicate that the slave is driving the bus.
3.1
Write Byte
The Write Byte protocol is used to write one byte of data to the registers as shown below:
3.2
Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown below:
3.3
Send Byte
The Send Byte protocol is used to set the Internal Address Register to the correct Address. The Send
Byte can be followed by the Receive Byte protocol described below in order to read data from the
register. The send byte protocol cannot be used to write data - if data is to be written to a register then
the write byte protocol must be used as described in subsection above. The send byte protocol is
shown in Table 3.3, “SMBus Send Byte Protocol,” on page 7.
Table 3.1 SMBus Write Byte Protocol
START
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
STOP
17
1
18
18
11
Table 3.2 SMBus Read Byte Protocol
START
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
START
SLAVE ADDRESS
RD
ACK
DATA
NACK
STOP
17
1
18
11
7
1
1
81
1
Table 3.3 SMBus Send Byte Protocol
FIELD:
START
SLAVE ADDR
WR
ACK
REG. ADDR
ACK
STOP
Bits:
17
1
1
8
1
1
SMDATA
SMCLK
T
LOW
T
R
T
HIGH
T
F
T
BUF
T
HD:STA
P
S
S - Start Condition
P - Stop Condition
T
HD:DAT TSU:DAT
T
SU:STA
T
HD:STA
P
T
SU:STO
S


Similar Part No. - EMC1023-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023-1-ACZL-TR SMSC-EMC1023-1-ACZL-TR Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
More results

Similar Description - EMC1023-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
   1째C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com