Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4004-T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 1N4004-T
Description  1.0A RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4004-T Datasheet(HTML) 2 Page - Diodes Incorporated

  1N4004-T Datasheet HTML 1Page - Diodes Incorporated 1N4004-T Datasheet HTML 2Page - Diodes Incorporated 1N4004-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS28002 Rev. 7 - 2
2 of 3
1N4001/L-1N4007/L
www.diodes.com
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
1.0
10
100
1.0
10
100
T = 25ºC
j
f = 1MHz
1N4001 - 1N4004
1N4005 - 1N4007
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
40
30
20
0
10
50
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
10


Similar Part No. - 1N4004-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4004-T3 WTE-1N4004-T3 Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
1N4004-T3 WTE-1N4004-T3 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
1N4004-TB WTE-1N4004-TB Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
1N4004-TB WTE-1N4004-TB Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Micro Commercial Compon...
1N4004-TP MCC-1N4004-TP Datasheet
226Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
More results

Similar Description - 1N4004-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
   1.0A RECTIFIER
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Vishay Siliconix
1N400X VISHAY-1N400X Datasheet
28Kb / 2P
   1.0A RECTIFIER
Rev. E-2
logo
Sanyo Semicon Device
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
   1.0A Power Rectifier
SB10-04A3 SANYO-SB10-04A3 Datasheet
65Kb / 3P
   40V, 1.0A Rectifier
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
   1.0A BRIDGE RECTIFIER
1N4001 ZSELEC-1N4001 Datasheet
116Kb / 2P
   1.0A SILICON RECTIFIER
ER101 ZSELEC-ER101 Datasheet
136Kb / 2P
   1.0A SUPERFAST RECTIFIER
logo
Sanyo Semicon Device
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
   1.0A Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com