Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB97C201 Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB97C201_03 Datasheet HTML 28Page - SMSC Corporation USB97C201_03 Datasheet HTML 29Page - SMSC Corporation USB97C201_03 Datasheet HTML 30Page - SMSC Corporation USB97C201_03 Datasheet HTML 31Page - SMSC Corporation USB97C201_03 Datasheet HTML 32Page - SMSC Corporation USB97C201_03 Datasheet HTML 33Page - SMSC Corporation USB97C201_03 Datasheet HTML 34Page - SMSC Corporation USB97C201_03 Datasheet HTML 35Page - SMSC Corporation USB97C201_03 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
SMSC USB97C201
Page 32
Rev. 11-05-03
DATASHEET
Table 30 – USB Configuration Number Register
USB_CONF
(0xAD - RESET=0x00)
USB CONFIGURATION NUMBER REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:4]
Reserved
R
Always returns a “0”.
{3:0}
CONFIG
R
Reflects
the
current
configuration
number
of
the
USB97C201 system as set by the host.
Table 31 – Endpoint 0 Receive Control Register
EP0RX_CTL
(0xAF - RESET=0x00)
ENDPOINT 0 RECEIVE CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:4]
Reserved
R
This bit always reads “0”.
3
DTOG
R
This bit reflects the data toggle state of the last received
data token.
2
STALL
R/W
When set to a “1”, EP0 will respond with the STALL
handshake to OUT tokens EXCEPT a SETUP, which it will
ACK unconditionally. Either the internal SIE or the user may
set this bit. Receipt of a SETUP packet or USB RESET
clears this bit. Writing a “0” to this bit has no effect.
1
Reserved
R
This bit always reads “0”.
0
ENABLE
R
Reads 1 if EP0 Receive is enabled by SIE.
Table 32 – Endpoint 0 Transmit Control Register
EP0TX_CTL
(0xB1 - RESET=0x00)
ENDPOINT 0 TRANSMIT CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads “0”.
6
Reserved
R
This bit always reads “0”.
5
Reserved
R
This bit always reads “0”.
4
TX
R/W
When written with a “1”, allows the SIE to transfer data from
the buffer SRAM to EP0. OUT tokens will be NAK’d until the
transfer has been completed. It is cleared by the SIE when
transmission of the packet has been completed.
3
Reserved
R
This bit always reads “0”.
2
STALL
R/W
When set to a “1”, EP0 TX will respond with the STALL
handshake to IN tokens. . Either the internal SIE or the user
may set this bit. Receipt of a SETUP packet or USB RESET
clears this bit. Writing a “0” to this bit has no effect.
1
Reserved
R
This bit always reads “0”.
0
ENABLE
R
Reads “1” if EP0 Transmit is enabled by the SIE.
Table 33 – Endpoint 1 Receive Control Register
EP1RX_CTL
(0xB2 - RESET=0x00)
ENDPOINT 1 RECEIVE CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:4]
Reserved
R
This bit always reads “0”.
3
DTOG
R
This bit reflects the data toggle state of the last received
data token.
2
STALL
R/W
When set to a “1”, EP1 RX will respond with the STALL
handshake to OUT tokens. . Either the internal SIE or the
user may set this bit. Receipt of a “CLEAR FEATURE


Similar Part No. - USB97C201_03

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C201-MC SMSC-USB97C201-MC Datasheet
385Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C201-MN SMSC-USB97C201-MN Datasheet
385Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
More results

Similar Description - USB97C201_03

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811S GENESYS-GL811S Datasheet
935Kb / 5P
   USB 2.0 to ATA/ATAPI Bridge Controller
logo
SMSC Corporation
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
   USB 2.0 ATA/ATAPI Controller with PD-DRM
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com