Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN91C96 Datasheet(PDF) 8 Page - SMSC Corporation

Part # LAN91C96
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button LAN91C96_07 Datasheet HTML 4Page - SMSC Corporation LAN91C96_07 Datasheet HTML 5Page - SMSC Corporation LAN91C96_07 Datasheet HTML 6Page - SMSC Corporation LAN91C96_07 Datasheet HTML 7Page - SMSC Corporation LAN91C96_07 Datasheet HTML 8Page - SMSC Corporation LAN91C96_07 Datasheet HTML 9Page - SMSC Corporation LAN91C96_07 Datasheet HTML 10Page - SMSC Corporation LAN91C96_07 Datasheet HTML 11Page - SMSC Corporation LAN91C96_07 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
Rev. 03-28-07
Page 8
SMSC LAN91C965v&3v
DATASHEET
PCMCIA interface
68000 interface
EEPROM interface
Encoder/decoder with AUI interface
10BASE-T transceiver
High performance:
Chained ("Back-to-back") packet handling with no CPU intervention:
Queues transmit packets
Queues receive packets
Stores results in memory along with packet
Queues interrupts
Optional single interrupt upon completion of transmit chain
Fast block move operation for load/unload:
CPU sees packet bytes as if stored continuously.
Handles 16 bit transfers regardless of address alignment.
Access to packet through fixed window.
Fast bus interface:
Compatible with LOCAL BUS type and faster buses.
Flexibility:
Flexible packet and header processing:
Can be set to Simultasking - Early Receive and Transmit modes. With enhanced Early Receive
functions.
Can access any byte in the packet.
Can immediately remove undesired packets from queue.
Can move packets from receive to transmit queue.
Can alter receive processing order without copying data.
Can discard or enqueue again a failed transmission.
Resource allocation:
Memory dynamically allocated for transmit and receive.
Can automatically release memory on successful transmission.
Configuration:
LOCAL BUS:
Uses non-volatile jumperless setup via serial EEPROM.
PCMCIA:
Uses ROM or Flash ROM for attribute memory storage and optional serial EEPROM for IEEE
address storage. PCMCIA I/O ignores address lines A4-A15 and relies on the PCMCIA host,
decoding for the slot.
nROM/nPCMCIA, on LAN91C96, is left open with a pullup for LOCAL BUS mode. This pin is
sampled at the end of RESET. If found low, the LAN91C96 is configured for PCMCIA mode.


Similar Part No. - LAN91C96_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C96-MS SMSC-LAN91C96-MS Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96-MU SMSC-LAN91C96-MU Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96I SMSC-LAN91C96I Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
LAN91C96I-MS SMSC-LAN91C96I-MS Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
More results

Similar Description - LAN91C96_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
   PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
logo
List of Unclassifed Man...
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16 MICREL-KSZ8841-16_08 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com