Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN83C180 Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN83C180
Description  10/100 Fast Ethernet PHY Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C180 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN83C180 Datasheet HTML 5Page - SMSC Corporation LAN83C180 Datasheet HTML 6Page - SMSC Corporation LAN83C180 Datasheet HTML 7Page - SMSC Corporation LAN83C180 Datasheet HTML 8Page - SMSC Corporation LAN83C180 Datasheet HTML 9Page - SMSC Corporation LAN83C180 Datasheet HTML 10Page - SMSC Corporation LAN83C180 Datasheet HTML 11Page - SMSC Corporation LAN83C180 Datasheet HTML 12Page - SMSC Corporation LAN83C180 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SMSC DS – LAN83C180
Page 9
Rev. 08/24/2001
the reference until the equalizer has adjusted, then it requires up to 1ms to phase lock to the incoming signal. No
data is passed to the MII interface until lock is established.
RX100 SIPO, Decoder and Descrambler
The RX100 SIPO, Decoder and descrambler convert the received signal from serial MLT3 to 4-bit wide parallel
receive data on the MII. This appears on the RXD[3:0] bus which is clocked out on the rising edge of RX_CLK. When
a frame starts the LAN83C180 decodes the SSD symbols and then asserts the RX_DV signal, in order to inform the
MAC that valid data is available. When the LAN83C180 detects the ESD, it deasserts the RX_DV signal.
RX100 Latency
The latency from the first bit of the “J” symbol on the cable to CRS assertion is between 11 and 15BT. The latency
from the first bit of the “T” symbol on the cable to CRS de-assertion is between 19 and 23BT.
100Mb/s Transmit Errors
If the LAN83C180 detects that the TX_ER signal has gone active while the TX_EN signal is active, then it will
propagate the detected error onto the cable by transmitting the symbol “00100”. Table 1 shows the meaning of the
different states of TX_EN and TX_ER. TX_ER is sampled inside the LAN83C180 on the rising edge of TX_CLK.
Table 1 - 100MB/S Transmit Error States
TX_EN
TX_ER
TXD [3:0]
INDICATION
0
X
Ignored
Normal Inter Frame Data
1
0
0000 Through 1111
Normal Data Transmission
1
1
0000 Through 1111
Transmit Error Propagation
100Mb/s Receive Errors
When there is no data on the cable, the receiver will see only the idle code of scrambled 1’s. If a non idle symbol is
detected, the receiver looks for the SSD so that it can align the incoming message for decoding. If any 2 non
consecutive zeros are detected within 10 bits, but are not the SSD symbols a false carrier indication is signaled to
the MII by asserting RX_ER and setting RXD[3:0] to 1110 while keeping RX_DV inactive. The remainder of the
message is ignored until 10 bits of 1’s are detected.
If any data is decoded after a SSD which is neither a valid data code nor an ESD, then an error is flagged by setting
RX_ER active while the RX_DV signal is active. This also happens if 2 idle codes are detected before a valid ESD
has been received –or- descramble synchronization is lost during packet reception. The states of RX_DV and
RX_ER are summarized in Table 2. RX_ER is clocked on the falling edge of RX_CLK, and will remain active for at
least 1 period of RX_CLK.
Table 2 - 100MB/S Receive Error States
RX_DV
RX_ER
RXD [3:0]
INDICATION
0
0
0000 Through 1111
Normal Inter Frame
0
1
1110
False Carrier Indication
1
0
0000 Through 1111
Normal Data Reception
1
1
0101 or 0110
Data Reception With Errors


Similar Part No. - LAN83C180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180TQFP SMSC-LAN83C180TQFP Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
More results

Similar Description - LAN83C180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
   Single port 10/100 Fast Ethernet Transceiver
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com