Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF30HG-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SF30HG-T
Description  3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF30HG-T Datasheet(HTML) 3 Page - Diodes Incorporated

  SF30HG-T Datasheet HTML 1Page - Diodes Incorporated SF30HG-T Datasheet HTML 2Page - Diodes Incorporated SF30HG-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS24014 Rev. 4 - 2
3 of 3
SF30AG - SF30JG
www.diodes.com
Ordering Information
Device
Packaging
Shipping
SF30AG-B
DO-201AD
500/Bulk
SF30AG-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SF30BG-B
DO-201AD
500/Bulk
SF30BG-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SF30CG-B
DO-201AD
500/Bulk
SF30CG-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SF30DG-B
DO-201AD
500/Bulk
SF30DG-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SF30FG-B
DO-201AD
500/Bulk
SF30FG-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SF30GG-B
DO-201AD
500/Bulk
SF30GG-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SF30HG-B
DO-201AD
500/Bulk
SF30HG-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SF30JG-B
DO-201AD
500/Bulk
(Note 5)


Similar Part No. - SF30HG-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF30HG DIODES-SF30HG Datasheet
62Kb / 2P
   3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. B-2
logo
Shenzhen Taychipst Elec...
SF30HG TAYCHIPST-SF30HG Datasheet
15Mb / 2P
   SUPER-FAST GLASS PASSIVATED RECTIFIER
More results

Similar Description - SF30HG-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF30AG DIODES-SF30AG Datasheet
62Kb / 2P
   3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. B-2
logo
TAITRON Components Inco...
EGF3AB TAITRON-EGF3AB Datasheet
145Kb / 5P
   3.0A Sintered Glass Passivated Super Fast Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
   3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Diodes Incorporated
UG3001 DIODES-UG3001 Datasheet
86Kb / 2P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. A1-2
PR3001G DIODES-PR3001G Datasheet
61Kb / 2P
   3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. D-2
logo
TAITRON Components Inco...
TF301G TAITRON-TF301G Datasheet
128Kb / 4P
   3.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001G DIODES-PR3001G_1 Datasheet
366Kb / 3P
   3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. 6 - 2
UG3001 DIODES-UG3001_1 Datasheet
85Kb / 3P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
S3A DIODES-S3A Datasheet
48Kb / 2P
   3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
BYV28 DIODES-BYV28 Datasheet
75Kb / 2P
   3.0A SUPER-FAST GLASS BODY RECTIFIER
DS30033 Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com