Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF10FG-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF10FG-T
Description  1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF10FG-T Datasheet(HTML) 1 Page - Diodes Incorporated

  SF10FG-T Datasheet HTML 1Page - Diodes Incorporated SF10FG-T Datasheet HTML 2Page - Diodes Incorporated SF10FG-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS24012 Rev. 4 - 2
1 of 3
SF10AG - SF10JG
www.diodes.com
ã Diodes Incorporated
SF10AG - SF10JG
1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Super-Fast Switching for High Efficiency
·
Surge Overload Rating to 30A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-41
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Ordering Information: See Last Page
·
Weight: 0.3 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF10
AG
SF10
BG
SF10
CG
SF10
DG
SF10
FG
SF10
GG
SF10
HG
SF10
JG
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
150
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
350
420
V
Average Rectified Output Current
@ TA = 75°C
(Note 1)
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Forward Voltage
@ IF = 1.0A
VFM
0.95
1.3
1.5
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100°C
IRM
10
100
m
A
Reverse Recovery Time (Note 3)
trr
35
40
50
ns
Typical Total Capacitance (Note 2)
CT
75
50
pF
Thermal Resistance Junction to Ambient
RqJA
75
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. (See Figure 5)
4. RoHS revision13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
5. Short duration pulse test used to minimize self-heating effect
SPICE MODELS: SF10AG SF10BG SF10CG
SF10DG SF10FG SF10GG SF10HG SF10JG


Similar Part No. - SF10FG-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF10FG DIODES-SF10FG Datasheet
62Kb / 2P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24012 Rev. A1-2
More results

Similar Description - SF10FG-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MUR120 DIODES-MUR120_1 Datasheet
105Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS30178 Rev. 3 - 2
SF10AG DIODES-SF10AG Datasheet
62Kb / 2P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24012 Rev. A1-2
MUR120 DIODES-MUR120_15 Datasheet
108Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
SF10AG DIODES-SF10AG_15 Datasheet
221Kb / 4P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
EMS1F ZSELEC-EMS1F Datasheet
96Kb / 2P
   SUPER FAST SURFACE MOUNT 1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
1N4933G DIODES-1N4933G Datasheet
62Kb / 2P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
1N4933G DIODES-1N4933G_2 Datasheet
85Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1001G DIODES-PR1001G_15 Datasheet
162Kb / 4P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com